Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4070B Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT4070B
Description  Wide Input 3A Step Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4070B Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT4070B Datasheet HTML 1Page - Active-Semi, Inc ACT4070B Datasheet HTML 2Page - Active-Semi, Inc ACT4070B Datasheet HTML 3Page - Active-Semi, Inc ACT4070B Datasheet HTML 4Page - Active-Semi, Inc ACT4070B Datasheet HTML 5Page - Active-Semi, Inc ACT4070B Datasheet HTML 6Page - Active-Semi, Inc ACT4070B Datasheet HTML 7Page - Active-Semi, Inc ACT4070B Datasheet HTML 8Page - Active-Semi, Inc ACT4070B Datasheet HTML 9Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ACT4070B
Rev 0, 23-Apr-12
Innovative Power
TM
- 4 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
FUNCTIONAL BLOCK DIAGRAM
FUNCTIONAL DESCRIPTION
As seen in the Functional Block Diagram, the
ACT4070B is a current mode pulse width modula-
tion (PWM) converter. The converter operates as
follows:
A switching cycle starts when the rising edge of the
Oscillator clock output causes the High-Side Power
Switch to turn on and the Low-Side Power Switch to
turn off. With the SW side of the inductor now con-
nected to IN, the inductor current ramps up to store
energy in the its magnetic field. The inductor current
level is measured by the Current Sense Amplifier
and added to the Oscillator ramp signal. If the result-
ing summation is higher than the COMP voltage, the
output of the PWM Comparator goes high. When
this happens or when Oscillator clock output goes
low, the High-Side Power Switch turns off and the
Low-Side Power Switch turns on. At this point, the
SW side of the inductor swings to a diode voltage
below ground, causing the inductor current to de-
crease and magnetic energy to be transferred to
output. This state continues until the cycle starts
again.
The High-Side Power Switch is driven by logic using
BS bootstrap pin as the positive rail. This pin is
charged to VSW + 6V when the Low-Side Power
Switch turns on.
The COMP voltage is the integration of the error
between FB input and the internal 0.808V refer-
ence. If FB is lower than the reference voltage,
COMP tends to go higher to increase current to the
output.
The Oscillator normally switches at 300kHz. How-
ever, if FB voltage is less than 0.6V, then the
switching frequency decreases until it reaches a
typical value of 36kHz at VFB = 0V.
Shutdown Control
The ACT4070B has an enable input EN for turning
the IC on or off. When EN is less than 1.5V, the IC
is in 100μA low current shutdown mode and output
is discharged through the Low-Side Power Switch.
When EN is higher than 1.6V, the IC is in normal
operation mode. EN is internally pulled up with a
4μA current source and can be left unconnected for
always-on operation.
Thermal Shutdown
The ACT4070B automatically turns off when its
junction temperature exceeds 160°C and then re-
starts once the temperature falls to 150°C.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com