Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARA2000 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # ARA2000
Description  Address-Programmable Reverse Amplifier with Step Attenuator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2000 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  ARA2000 Datasheet HTML 1Page - ANADIGICS, Inc ARA2000 Datasheet HTML 2Page - ANADIGICS, Inc ARA2000 Datasheet HTML 3Page - ANADIGICS, Inc ARA2000 Datasheet HTML 4Page - ANADIGICS, Inc ARA2000 Datasheet HTML 5Page - ANADIGICS, Inc ARA2000 Datasheet HTML 6Page - ANADIGICS, Inc ARA2000 Datasheet HTML 7Page - ANADIGICS, Inc ARA2000 Datasheet HTML 8Page - ANADIGICS, Inc ARA2000 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Data Sheet - Rev 2.3
04/2011
3
ARA2000
table 1: pin description
Notes:
(1) All N/C pins should be grounded.
(2) Pins should be AC-coupled. No external DC bias should be applied.
pin
nAMe
descRiption
pin
nAMe
descRiption
1
GND
Ground
15
C0
Device Address 0
2
VATTN
Supply for Attenuator
16
C1
Device Address 1
3
ATTIN (+)
Attenuator (+) Input (2)
17
N/C
No Connection (1)
4
A1OUT (+)
Amplifier A1 (+) Output
18
GNDCMOS
Ground for Digital CMOS
Circuit
5
A1IN (+)
Amplifier A1 (+) Input (2)
19
ATTOUT (-)
Attenuator (-) Output (2)
6
Vg1
Amplifier A1 (+/-) Control
20
A2IN (-)
Amplifier A2 (-) Input (2)
7
ISET1
Amplifier A1 (+/-) Current
Adjust
21
A2OUT (-)
Amplifier A2 (-) Output
8
A1IN (-)
Amplifier A1 (-) Input (2)
22
ISET2
Amplifier A2 (+/-) Current
Adjust
9
A1OUT (-)
Amplifier A1 (-) Output
23
Vg2
Amplifier A2 (+/-) Control
10
ATTIN (-)
Attenuator (-) Input (2)
24
A2OUT (+)
Amplifier A2 (+) Output
11
VCMOS
Supply For Digital CMOS
Circuit
25
A2IN (+)
Amplifier A2 (+) Input (2)
12
CLK
Clock
26
ATTOUT (+)
Attenuator (+) Output (2)
13
DAT
Data
27
N/C
No Connection (1)
14
EN
Enable
28
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com