Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARA2000 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # ARA2000
Description  Address-Programmable Reverse Amplifier with Step Attenuator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2000 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  ARA2000 Datasheet HTML 1Page - ANADIGICS, Inc ARA2000 Datasheet HTML 2Page - ANADIGICS, Inc ARA2000 Datasheet HTML 3Page - ANADIGICS, Inc ARA2000 Datasheet HTML 4Page - ANADIGICS, Inc ARA2000 Datasheet HTML 5Page - ANADIGICS, Inc ARA2000 Datasheet HTML 6Page - ANADIGICS, Inc ARA2000 Datasheet HTML 7Page - ANADIGICS, Inc ARA2000 Datasheet HTML 8Page - ANADIGICS, Inc ARA2000 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
Data Sheet - Rev 2.3
04/2011
ARA2000
electRicAl cHARActeRistics
table 2: Absolute Minimum and Maximum Ratings
table 3: operating Ranges
stresses in excess of the absolute ratings may cause permanent damage. functional
operation is not implied under these conditions. exposure to absolute ratings for extended
periods of time may adversely affect reliability.
the device may be operated safely over these conditions; however, parametric performance is
guaranteed only over the conditions defined in the electrical specifications.
Notes:
1. Pins 3, 5, 8, 10, 19, 20, 25 and 26 should be AC-coupled. No external DC bias should be
applied.
2. Pins 7 and 22 should be grounded or pulled to ground through a resistor. No external DC
bias should be applied.
pARAMeteR
Min
MAX
unit
Analog Supply (pins 2, 4, 9, 21, 24)
0
9
VDC
Digital Supply: VCMOS (pin 11)
0
6
VDC
Amplifier Controls Vg1, Vg2 (pins 6, 23)
-5
2
V
RF Power at Inputs (pins 5, 8)
-
+60
dBmV
Digital Interface (pins 12, 13, 14, 15, 16)
-0.5
VCMOS+0.5
V
Storage Temperature
-55
+200
C
Soldering Temperature
-
260
C
Soldering Time
-
5
Sec
pARAMeteR
Min
tYp
MAX
unit
Amplifier Supply: VDD (pins 4, 9,21,24)
4.5
5.0
7.0
VDC
Attenuator Supply: VATTN (pin 2)
VDD -0.5
5.0
7.0
VDC
Digital Supply: VCMOS (pin 11)
3.0
-
5.5
VDC
Digital Interface (pins 12, 13, 14, 15,16)
0
-
VCMOS
V
Amplifier Controls Vg1, Vg2 (pins 6, 23)
-5
1
2
V
Case Temperature
-40
25
85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com