Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARA2000 Datasheet(PDF) 15 Page - ANADIGICS, Inc

Part # ARA2000
Description  Address-Programmable Reverse Amplifier with Step Attenuator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2000 Datasheet(HTML) 15 Page - ANADIGICS, Inc

Back Button ARA2000 Datasheet HTML 11Page - ANADIGICS, Inc ARA2000 Datasheet HTML 12Page - ANADIGICS, Inc ARA2000 Datasheet HTML 13Page - ANADIGICS, Inc ARA2000 Datasheet HTML 14Page - ANADIGICS, Inc ARA2000 Datasheet HTML 15Page - ANADIGICS, Inc ARA2000 Datasheet HTML 16Page - ANADIGICS, Inc ARA2000 Datasheet HTML 17Page - ANADIGICS, Inc ARA2000 Datasheet HTML 18Page - ANADIGICS, Inc ARA2000 Datasheet HTML 19Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Data Sheet - Rev 2.3
04/2011
15
ARA2000
figure 19: solder Mask outline
output transformer
Matching the output of the ARA2000 to a 75 Ohm load
is accomplished using a 2:1 turns ratio transformer. In
addition to providing an impedance transformation, this
transformer provides the bias to the output amplifier
stage via the center tap.
The transformer also cancels even mode distortion
products and common mode signals, such as the
voltage transients that occur while enabling and
disabling the amplifiers. As a result, care must be
taken when selecting the transformer to be used at
the output. It must be capable of handling the RF and
DC power requirements without saturating the core,
and it must have adequate isolation and good phase
and amplitude balance. It also must operate over
the desired frequency and temperature range for the
intended application.
esd sensitivity
Electrostatic discharges can cause permanent damage
to this device. Electrostatic charges accumulate on test
equipment and the human body, and can discharge
without detection. Proper precautions and handling
are strongly recommended. Refer to the ANADIGICS
application note on ESD precautions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com