Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARA2000 Datasheet(PDF) 12 Page - ANADIGICS, Inc

Part # ARA2000
Description  Address-Programmable Reverse Amplifier with Step Attenuator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2000 Datasheet(HTML) 12 Page - ANADIGICS, Inc

Back Button ARA2000 Datasheet HTML 8Page - ANADIGICS, Inc ARA2000 Datasheet HTML 9Page - ANADIGICS, Inc ARA2000 Datasheet HTML 10Page - ANADIGICS, Inc ARA2000 Datasheet HTML 11Page - ANADIGICS, Inc ARA2000 Datasheet HTML 12Page - ANADIGICS, Inc ARA2000 Datasheet HTML 13Page - ANADIGICS, Inc ARA2000 Datasheet HTML 14Page - ANADIGICS, Inc ARA2000 Datasheet HTML 15Page - ANADIGICS, Inc ARA2000 Datasheet HTML 16Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
Data Sheet - Rev 2.3
04/2011
ARA2000
table 6: programming Word
loGic pRoGRAMMinG
table 7: data description
table 8: device Address
programming instructions
The programming word is set through a 16 bit shift
register via the data, clock and enable lines. The
data is entered in order with the most significant bit
(MSB) first and the least significant bit (LSB) last. The
enable line must be low for the duration of the data
entry, then set high to latch the shift register. The
rising edge of the clock pulse shifts each data value
into the register.
The device is selected when the logic inputs at pins
16 and 15 match the values of data bits C1 and C0,
respectively.
dAtA Bit
d15 d14 d13 d12 d11 d10 d9
d8
d7
d6
d5
d4
d3
d2
d1 d0
Value
P7 P6 P5 P4 P3 P2
P1 P0
0
0
0
1
C1 C0
1
1
VAlue
function
( 1 = on, 0 = bypass)
P7
N/A
P6
N/A
P5
32 dB Attenuator Bit
P4
16 dB Attenuator Bit
P3
8 dB Attenuator Bit
P2
4 dB Attenuator Bit
P1
2 dB Attenuator Bit
P0
1 dB Attenuator Bit
loGic leVel input to
AddRess deVice
c1
c0
pin 16 (c1)
pin 15 (c0)
0
0
0
0
1
0
1
0
0
1
0
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com