Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARA2000 Datasheet(PDF) 5 Page - ANADIGICS, Inc

Part # ARA2000
Description  Address-Programmable Reverse Amplifier with Step Attenuator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2000 Datasheet(HTML) 5 Page - ANADIGICS, Inc

  ARA2000 Datasheet HTML 1Page - ANADIGICS, Inc ARA2000 Datasheet HTML 2Page - ANADIGICS, Inc ARA2000 Datasheet HTML 3Page - ANADIGICS, Inc ARA2000 Datasheet HTML 4Page - ANADIGICS, Inc ARA2000 Datasheet HTML 5Page - ANADIGICS, Inc ARA2000 Datasheet HTML 6Page - ANADIGICS, Inc ARA2000 Datasheet HTML 7Page - ANADIGICS, Inc ARA2000 Datasheet HTML 8Page - ANADIGICS, Inc ARA2000 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Data Sheet - Rev 2.3
04/2011
5
ARA2000
Note: As measured in ANADIGICS test fixture
table 4: DC Electrical Specifications
TA=25°C; Vdd, VAttn, VcMos = +5.0 VDC; Vg1, Vg2 = +1.0 V (tX enabled); Vg1, Vg2 = 0 V (tX disabled)
table 5: AC Electrical Specifications
TA=25°C; Vdd, VAttn, VcMos = +5.0 VDC; Vg1, Vg2 = +1.0 V (tX enabled); Vg1, Vg2 = 0 V (tX disabled)
pARAMeteR
Min
tYp
MAX
unit
coMMents
Gain (10 MHz)
27.5
29.3
30.5
dB
0 dB attenuation setting
Gain Flatness
-
-
0.75
1.5
-
-
dB
5 to 42 MHz
5 to 65 MHz
Gain Variation over Temperature
-
-0.006
-
dB/8C
Attenuation Steps
1 dB
2 dB
4 dB
8 dB
16 dB
32 dB
0.65
1.6
3.6
7.5
15.0
30.2
0.83
1.70
3.75
7.75
15.40
30.75
1.00
2.05
4.0
8.0
15.8
31.3
dB
Monotonic
Maximum Attenuation
58.6
60.3
-
dB
2nd Harmonic Distortion Level
(10 MHz)
-
-75
-53
dBc
+60 dBmV into 75 Ohms
3rd Harmonic Distortion Level
(10 MHz)
-
-60
-53
dBc
+60 dBmV into 75 Ohms
3rd Order Output Intercept
78
-
-
dBmV
1 dB Gain Compression Point
-
68.5
-
dBmV
Noise Figure
-
3.0
4.0
dB
Includes input balun loss
pARAMeteR
Min
tYp
MAX
unit
coMMents
Amplifier A1 Current (pins 4, 9)
-
-
48
2.4
80
6
mA
Tx enabled
Tx disabled
Amplifier A2 Current (pins 21, 24)
-
-
77
3.7
120
9
mA
Tx enabled
Tx disabled
Attenuator Current (pin 2)
-
9
15
mA
Total Power Consumption
-
-
0.67
75
1.08
150
W
mW
Tx enabled
Tx disabled
Thermal Resistance (JC)
-
38
-
C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com