Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9525 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9525
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9525 Datasheet HTML 5Page - Analog Devices AD9525 Datasheet HTML 6Page - Analog Devices AD9525 Datasheet HTML 7Page - Analog Devices AD9525 Datasheet HTML 8Page - Analog Devices AD9525 Datasheet HTML 9Page - Analog Devices AD9525 Datasheet HTML 10Page - Analog Devices AD9525 Datasheet HTML 11Page - Analog Devices AD9525 Datasheet HTML 12Page - Analog Devices AD9525 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Data Sheet
AD9525
Rev. 0 | Page 9 of 48
CLOCK OUTPUT ABSOLUTE TIME JITTER (CLOCK GENERATION USING EXTERNAL 2.05 GHZ VCO)
Table 14.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL OUTPUT ABSOLUTE TIME JITTER
Application example based on a typical setup using
an external 2.05 MHz VCO (Bowei Model MVCO-
2050A); reference = 122.054215 MHz; R divider = 12;
PLL LBW = 5 kHz
FOUT = 2048.867 MHz
19
fs rms
Integration BW = 200 kHz to 5 MHz
21
fs rms
Integration BW = 200 kHz to 10 MHz
87
fs rms
Integration BW = 12 kHz to 20 MHz
Reference Sideband Spurs
−105
dBc
±10.671MHz
CLOCK OUTPUT ABSOLUTE TIME JITTER (CLOCK GENERATION USING EXTERNAL 3 GHZ VCO)
Table 15.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL OUTPUT ABSOLUTE TIME JITTER
Application example based on a typical setup using
an external 2950 MHz VCO (Z-Communications Model
CRO-2950); reference = 122.88 MHz; R divider = 1
FOUT = 2949.12 MHz; PLL LBW = 7 kHz
63
fs rms
Integration BW = 1 kHz to 100 MHz
38
fs rms
Integration BW = 10 kHz to 100 MHz
34
fs rms
Integration BW = 10 kHz to 40 MHz
28
fs rms
Integration BW = 12 kHz to 20 MHz
Reference Sideband Spurs
−99
dBc
±122.88 MHz
FOUT = 1474.56 MHz; PLL LBW = 7 kHz
62
fs rms
Integration BW = 1 kHz to 100 MHz
36
fs rms
Integration BW = 10 kHz to 100 MHz
31
fs rms
Integration BW = 10 kHz to 40 MHz
25
fs rms
Integration BW = 12 kHz to 20 MHz
Reference Sideband Spurs
−100
dBc
±122.88 MHz
FOUT = 491.52 MHz; PLL LBW = 7 kHz
78
fs rms
Integration BW = 1 kHz to 100 MHz
60
fs rms
Integration BW = 10 kHz to 100 MHz
44
fs rms
Integration BW = 10 kHz to 40 MHz
33
fs rms
Integration BW = 12 kHz to 20 MHz
Reference Sideband Spurs
−96
dBc
±122.88 MHz
CLOCK OUTPUT ADDITIVE PHASE NOISE (DISTRIBUTION ONLY; CLOCK INPUT TO DISTRIBUTION OUTPUT,
INCLUDING VCO DIVIDER)
Table 16.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CLK-TO-LVPECL ADDITIVE PHASE NOISE
Distribution section only; does not include PLL and VCO
CLK = 2949.12 MHz, FOUT = 2949.12 MHz
Divider = 1
At 10 Hz Offset
−112
dBc/Hz
At 100 Hz Offset
−122
dBc/Hz
At 1 kHz Offset
−133
dBc/Hz
At 10 kHz Offset
−141
dBc/Hz
At 100 kHz Offset
−146
dBc/Hz
At 800 kHz Offset
−148
dBc/Hz
At 1 MHz Offset
−148
dBc/Hz
At 10 MHz Offset
−149
dBc/Hz
At 100 MHz Offset
−151
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com