Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9525 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9525
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9525 Datasheet HTML 13Page - Analog Devices AD9525 Datasheet HTML 14Page - Analog Devices AD9525 Datasheet HTML 15Page - Analog Devices AD9525 Datasheet HTML 16Page - Analog Devices AD9525 Datasheet HTML 17Page - Analog Devices AD9525 Datasheet HTML 18Page - Analog Devices AD9525 Datasheet HTML 19Page - Analog Devices AD9525 Datasheet HTML 20Page - Analog Devices AD9525 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
Data Sheet
AD9525
Rev. 0 | Page 17 of 48
100
1k
10M
100M
100k
1M
10k
FREQUENCY (Hz)
1: 1kHz, –85.0dBc/Hz
2: 10kHz, –99.3dBc/Hz
3: 100kHz, –123.0dBc/Hz
4: 800kHz, –140.7dBc/Hz
5: 1MHz, –142.0dBc/Hz
6: 10MHz, –149.0dBc/Hz
7: 100MHz, –153.3dBc/Hz
NOISE:
ANALYSIS RANGE X: START 1kHz
STOP 100MHz
INTG NOISE: –62.1dBc/19.7MHz
RMS NOISE: 1.1µRAD
63.6mdeg
RMS JITTER: 86.2fsec
1
2
3
4
5
7
6
–20
–40
–60
–80
–100
–120
–140
–160
–170
–180
–30
–50
–70
–90
–110
–130
–150
Figure 16. Phase Noise (Absolute), External VCO 2.05 GHz VCO
(Bowei Model MVCO-2050A); at 2050 MHz; Reference = 122.054215 MHz;
R Divider = 12
–20
–40
–60
–80
–100
–120
–140
–160
–170
–180
–30
–50
–70
–90
–110
–130
–150
100
1k
10M
100M
100k
1M
10k
FREQUENCY (Hz)
1
2
3
4
5
7
6
Figure 17. Phase Noise (Absolute), External VCO (Z-Communications
CRO1474-LF) at 1474.56 MHz; PFD = 122.88 MHz;
LBW = 15 kHz; LVPECL Output = 1474.56 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com