Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9525 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9525
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9525 Datasheet HTML 16Page - Analog Devices AD9525 Datasheet HTML 17Page - Analog Devices AD9525 Datasheet HTML 18Page - Analog Devices AD9525 Datasheet HTML 19Page - Analog Devices AD9525 Datasheet HTML 20Page - Analog Devices AD9525 Datasheet HTML 21Page - Analog Devices AD9525 Datasheet HTML 22Page - Analog Devices AD9525 Datasheet HTML 23Page - Analog Devices AD9525 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
AD9525
Data Sheet
Rev. 0 | Page 20 of 48
THEORY OF OPERATION
The AD9525 PLL is useful for generating clock frequencies from
a supplied reference frequency. In addition, the PLL can be used
to clean up jitter and phase noise on a noisy reference. The exact
choice of PLL parameters and loop dynamics is application specific.
The flexibility and depth of the AD9525 PLL allow the part to
be tailored to function in many different applications and signal
environments.
The AD9525 includes on-chip PLL blocks that can be used with
an external VCO or VCXO to create a complete phase-locked
loop. The PLL requires an external loop filter, which usually
consists of a small number of capacitors and resistors. The
configuration and components of the loop filter help to establish
the loop bandwidth and stability of the PLL. The external loop
filter that must be connected between CP and the tuning pin of
the VCO/VCXO. This loop filter determines the loop bandwidth
and stability of the PLL. Make sure to select the proper PFD
polarity for the VCO/VCXO being used.
The AD9525 can also be configured as a clock distribution by
shutting down the PLL and using CLKIN and CLKIN as the
input. The M divider can be used to divide the input frequency
down to the desired output frequency to each of the eight LVPECL
outputs.
CONFIGURATION OF THE PLL
Configuration of the PLL is accomplished by programming
the various settings for the R divider, N divider, PFD polarity,
and charge pump current. The combination of these settings
and the loop filter determines the PLL loop bandwidth and PLL
stability. These are managed through programmable register
settings and by the design of the external loop filter.
Successful PLL operation and satisfactory PLL loop performance
are highly dependent on proper configuration of the PLL settings,
and the design of the external loop filter is crucial to the proper
operation of the PLL.
ADIsimCLK™ is a free program that can help with the design
and exploration of the capabilities and features of the AD9525,
including the design of the PLL loop filter. The AD9516 model
found in the latest ADIsimCLK version can be used for modeling
the AD9525 loop filter. It is available at www.analog.com/clocks.
Phase Frequency Detector (PFD)
The PFD takes inputs from the R divider and the N divider and
produces an output proportional to the phase and frequency
difference between them. The PFD includes a programmable
delay element that controls the width of the antibacklash pulse.
This pulse ensures that there is no dead zone in the PFD transfer
function and minimizes phase noise and reference spurs. The
antibacklash pulse width is set by Register 0x010[1:0].
An important limit to keep in mind is the maximum frequency
allowed into the PFD. The maximum input frequency into the
PFD is a function of the antibacklash pulse setting, as specified
in the phase/frequency detector (PFD) parameter in Table 7.
Charge Pump (CP)
The charge pump is controlled by the PFD. The PFD monitors
the phase and frequency relationship between its two inputs and
tells the CP to pump up or pump down to charge or discharge the
integrating node (part of the loop filter). The integrated and
filtered CP current is transformed into a voltage that drives the
tuning node of the external VCO to move the VCO frequency
up or down. The CP can be set for high impedance (allows
holdover operation), for normal operation (attempts to lock the
PLL loop), for pump-up, or for pump-down (test modes). The CP
current is programmable in eight steps. The exact value of the CP
current LSB is set by the CPRSET resistor, which is nominally
5.1 kΩ. The actual LSB current can be calculated by CP_LSB =
3.06/CPRSET.
PLL External Loop Filter
An example of an external loop filter for the PLL is shown in
Figure 19. A loop filter must be calculated for each desired PLL
configuration. The values of the components depend on the VCO
frequency, the KVCO, the PFD frequency, the charge pump
current, the desired loop bandwidth, and the desired phase
margin. The loop filter affects the phase noise, the loop settling
time, and the loop stability. A basic knowledge of PLL theory is
necessary for understanding loop filter design. ADIsimCLK can
help with the calculation of a loop filter according to the application
requirements.
PLL Reference Inputs
The AD9525 features two fully differential PLL reference input
circuits. The differential inputs are self-biased, allowing for easy
ac coupling of input signals. All PLL reference inputs are off by
default. The self-bias level of the two sides is offset slightly to
prevent chattering of the input buffer when the reference is ac
coupled and is slow or missing. The input offset increases the
voltage swing required of the driver to overcome the offset. The
input frequency range and common-mode voltages for the
reference inputs are specified in Table 4.
The reference input receiver is powered down when the PLL is
powered down. It is possible to dc couple to these inputs. If the
differential reference input is driven by a single-ended signal,
the unused side (REFA or REFB) should be decoupled via a
suitable capacitor to a quiet ground.
The AD9525 provides a third single-ended CMOS reference
input referred to as REFC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com