Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9525 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9525
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9525 Datasheet HTML 17Page - Analog Devices AD9525 Datasheet HTML 18Page - Analog Devices AD9525 Datasheet HTML 19Page - Analog Devices AD9525 Datasheet HTML 20Page - Analog Devices AD9525 Datasheet HTML 21Page - Analog Devices AD9525 Datasheet HTML 22Page - Analog Devices AD9525 Datasheet HTML 23Page - Analog Devices AD9525 Datasheet HTML 24Page - Analog Devices AD9525 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Data Sheet
AD9525
Rev. 0 | Page 21 of 48
Reference Switchover
The AD9525 supports two separate differential reference inputs.
Manual switchover is performed between these inputs either
through Register 0x01A or by using the REF_SEL pin. This
feature supports networking and other applications that require
redundant references.
Manual switchover requires that a clock be present on the reference
input that is being switched to or that the switchover deglitching
feature be disabled (Register 0x01A[4]).
Reference Dividers R
The reference inputs are routed to their respective divider, R. R can
be set to any value from 1 to 32 (Both R = 0 and R = 1 give divide-
by-1.).
The division is set by the values of RLOW and RHIGH. The divider
can be bypassed (equivalent to divide-by-1, divider circuit is
powered down) by setting the bypass bit.
For each R divider, the frequency division (RX) is set by the values
of RLOW and RHIGH (four bits each, representing Decimal 0 to
Decimal 15), where
Number of Low Cycles = RLOW + 1
Number of High Cycles = RHIGH + 1
The high and low cycles are cycles of the clock signal currently
routed to the input of the R.
When a divider is bypassed, RX = 1.
Otherwise, RX = (RHIGH + 1) + (RLOW + 1) = RHIGH + RLOW + 2.
This allows each reference divider to divide by any integer from
1 to 32.
The output of the R divider goes to a mux to select one of the
references to the PFD inputs. The frequency applied to the PFD
must not exceed the maximum allowable frequency, which
depends on the antibacklash pulse setting (see Table 7).
The R divider has its own reset. The R divider can also be reset
using the shared reset bit of the R and B counters. This reset bit
is not self-clearing.
The R divider in the REFC path has a division ratio programmable
from 1 to 127.
VCO/VCXO, M and N Feedback Dividers
The feedback division is the product of the M divider and the
N divider. The N divider is a combination of a prescaler (P) and
a B divider.
fVCO = (fREF/R) × N × M
where:
M =1, 2, 3, 4, 5, or 6.
N = (P × B).
P =1, 2, 3, 4, 5, or 6.
B = 1, 2, 3, … or 32.
M Divider
The M divider is a fixed divide (FD) of 1, 2, 3, 4, 5, or 6.
The maximum input frequency to the M counter is reflected in
the maximum CLKIN input frequency specified in Table 6.
The M divider provides frequency division between the CLKIN
input and the N feedback divider and clock distribution output
channels.
The M divider can also be set to static, which is useful for
applications where the only desired output frequency is the
CLK input frequency.
P Divider
The P divider is a fixed divide (FD) of 1, 2, 3, 4, 5 or 6.
The maximum input frequency to the P counter is reflected in
the maximum CLKIN input frequency specified in Table 4.
B Divider
The B divider is a fixed divide (FD) of 1, 2, 3, …or 32.
The maximum input frequency to the B counter is ~1500 MHz,
as specified in Table 7. This is the prescaler input frequency
(external VCO or CLKIN) divided by the P and M counters.
For example, M = 1 and P = 1 mode is not allowed if the
external VCO frequency is greater than 1500 MHz because the
frequency going to the B divider is too high.
The division is set by the values of BLOW and BHIGH. The divider
can be bypassed (equivalent to divide-by-1, divider circuit is
powered down) by setting the bypass bit.
The frequency division, BX, is set by the values of BLOW and
BHIGH (four bits each, representing Decimal 0 to Decimal 15),
where
Number of Low Cycles = BLOW + 1
Number of High Cycles = BHIGH + 1
The high and low cycles are cycles of the clock signal currently
routed to the input of the B divider.
When a divider is bypassed, BX = 1.
Otherwise, BX = (BHIGH + 1) + (BLOW + 1) = BHIGH + BLOW + 2.
Although manual reset is not normally required, the B counter has
its own reset bit. Note that this reset bit is not self-clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com