Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9525 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9525
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9525 Datasheet HTML 8Page - Analog Devices AD9525 Datasheet HTML 9Page - Analog Devices AD9525 Datasheet HTML 10Page - Analog Devices AD9525 Datasheet HTML 11Page - Analog Devices AD9525 Datasheet HTML 12Page - Analog Devices AD9525 Datasheet HTML 13Page - Analog Devices AD9525 Datasheet HTML 14Page - Analog Devices AD9525 Datasheet HTML 15Page - Analog Devices AD9525 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
AD9525
Data Sheet
Rev. 0 | Page 12 of 48
ABSOLUTE MAXIMUM RATINGS
Table 20.
Parameter
Rating
VDD3 to GND
−0.3 V to +3.6 V
VDD_CP, CP to GND
−0.3 V to +5.8 V
REFA, REFA, REFB, REFB, REFC to GND
−0.3 V to VDD3 + 0.3 V
OUT_RSET to GND
−0.3 V to VDD3 + 0.3 V
CP_RSET to GND
−0.3 V to VDD3 + 0.3 V
CLKIN, CLKIN to GND
−0.3 V to VDD3 + 0.3 V
CLKIN to CLKIN
−1.2 V to +1.2 V
SCLK, SDIO, SDO, CS to GND
−0.3 V to VDD3 + 0.3 V
OUT0, OUT0, OUT1, OUT1, OUT2, OUT2,
OUT3, OUT3, OUT4, OUT4, OUT5, OUT5,
OUT6, OUT6, OUT7, OUT7,
SYNC_OUT, SYNC_OUT to GND
−0.3 V to VDD3 + 0.3 V
RESET, PD, STATUS, REF_MON to GND
−0.3 V to VDD3 + 0.3 V
Junction Temperature1
150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (10 sec)
300°C
1
See Table 21 for θJA.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 21. Thermal Resistance (Simulated)
Package
Type
Airflow
Velocity
(m/sec)
θJA1, 2
θJC1, 3
θJB1, 4
ΨJT1,2
Unit
48-Lead
LFCSP
0
27.3
2.1
14.7
0.2
°C/W
1.0
23.9
0.3
°C/W
2.5
21.4
0.4
°C/W
1
Per JEDEC 51-7, plus JEDEC 51-5 2S2P test board.
2
Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
3
Per MIL-Std 883, Method 1012.1.
4
Per JEDEC JESD51-8 (still air).
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com