Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9525/PCBZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD9525/PCBZ
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525/PCBZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9525/PCBZ Datasheet HTML 27Page - Analog Devices AD9525/PCBZ Datasheet HTML 28Page - Analog Devices AD9525/PCBZ Datasheet HTML 29Page - Analog Devices AD9525/PCBZ Datasheet HTML 30Page - Analog Devices AD9525/PCBZ Datasheet HTML 31Page - Analog Devices AD9525/PCBZ Datasheet HTML 32Page - Analog Devices AD9525/PCBZ Datasheet HTML 33Page - Analog Devices AD9525/PCBZ Datasheet HTML 34Page - Analog Devices AD9525/PCBZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
Data Sheet
AD9525
Rev. 0 | Page 31 of 48
CONTROL REGISTERS
CONTROL REGISTER MAP OVERVIEW
Register addresses that are not listed in Table 28 are not used,
and writing to those registers has no effect. Registers that are
marked as reserved should never have their values changed.
When writing to registers with bits that are marked reserved,
the user should take care to always write the default value for
the reserved bits.
Table 28. Control Register Map
Reg.
Addr.
(Hex)
Register
Name
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
Value
(Hex)
Serial Port Configuration
0x000
SPI mode
serial port
configuration
SD0
active
LSB first/
address
increase
Soft reset
Don't care
Don't care
Soft
reset
LSB first/
address
increase
SD0 active
0x00
Don't
care
Don't care
Soft reset
Don't care
Don't care
Soft
reset
Don't care
Don't care
0x00
0x004
Readback
control
Don't
care
Don't care
Don't care
Don't care
Don't care
Don't
care
Don't care
Read back
active regs
0x00
PLL Configuration
0x010
PFD charge
pump
PFD
polarity
CP current, Bits[2:0]
CP mode, Bits[1:0]
Antibacklash pulse width,
Bits[1:0]
0x7D
0x011
R dividers
REFB divider output high cycles, Bits[3:0]
REFB divider output low cycles, Bits[3:0]
0x00
0x012
REFA divider output high cycles, Bits[3:0]
REFA divider output low cycles, Bits[3:0]
0x00
0x013
B divider
B divider output high cycles, Bits[3:0]
B divider output low cycles, Bits[3:0]
0x00
0x014
N divider
Don't
care
Don't care
B divider bypass
REFB
divider
bypass
REFA divider
bypass
P divider prescaler, Bits[2:0]
0x00
0x015
Resets
Don't
care
Reserved
Reserved
Reserved
B divider reset
REFB
divider
reset
REFA
divider reset
Reset all
dividers
0x00
0x016
REFC
REFC
enable
REFC divider, Bits[6:0]
0x00
0x017
Status pin
Charge
pump
pin to
VDD_CP/2
STATUS pin
divider enable
STATUS output select, Bits[5:0]
0x00
0x018
REF_MON pin
control
Don’t
care
Don’t care
Don’t care
REF_MON pin control, Bits[4:0]
0x00
0x019
Lock detect
Don't
care
Don't care
Don't care
Don’t care
Lock detect counter, Bits[1:0]
Digital lock
detect window
Digital lock
det disable
0x00
0x01A
Ref
switchover
and monitors
Enable
FB clock
present
monitor
Enable REFB
present
monitor
Enable REFA
present monitor
Disable
switchover
deglitch
Select REFB
(manual
register
mode)
Stay on
REFB
Use REF_SEL
pin for
reference
switchover
Enable
automatic
reference
switchover
0x00
0x01B
Reserved
Reserved
= 0
Reserved = 0
Reserved = 0
Reserved =
0
Reserved = 0
Reserved = 0
Reserved = 0
0x00
0x01C
PLL block PD
register
N divider
ECL 2
CMOS PD
N divider PD
R Divider B ECL 2
CMOS PD
R Divider A
ECL 2
CMOS PD
R Divider B PD
R
Divider A
PD
R Channel B
PD
R Channel A
PD
0x22
0x01F
PLL readback
Unused
Unused
Unused
Selected
reference
Status FB clock
Status
REFB
Status REFA
Digital lock
detect (DLD)
N/A
PECL/CMOS Outputs
0x0F0
LVPECL OUT0
Don’t
care
Don’t care
Don’t care
Power
down
Channel 0,
Channel 1
Don't care
OUT0 PECL output level,
Bits[1:0]
Power down
PECL driver
0x04
0x0F1
LVPECL OUT1
Don’t
care
Don’t care
Don’t care
Reserved
Don't care
OUT1 PECL output level,
Bits[1:0]
Power down
PECL driver
0x04
0x0F2
LVPECL OUT2
Don’t
care
Don’t care
Don’t care
Power
down
Channel 2,
Channel 3
Don't care
OUT2 PECL output level,
Bits[1:0]
Power down
PECL driver
0x04
0x0F3
LVPECL OUT3
Don’t
care
Don’t care
Don’t care
Reserved
Don't care
OUT3 PECL output level,
Bits[1:0]
Power down
PECL driver
0x04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com