Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9525/PCBZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD9525/PCBZ
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525/PCBZ Datasheet(HTML) 2 Page - Analog Devices

  AD9525/PCBZ Datasheet HTML 1Page - Analog Devices AD9525/PCBZ Datasheet HTML 2Page - Analog Devices AD9525/PCBZ Datasheet HTML 3Page - Analog Devices AD9525/PCBZ Datasheet HTML 4Page - Analog Devices AD9525/PCBZ Datasheet HTML 5Page - Analog Devices AD9525/PCBZ Datasheet HTML 6Page - Analog Devices AD9525/PCBZ Datasheet HTML 7Page - Analog Devices AD9525/PCBZ Datasheet HTML 8Page - Analog Devices AD9525/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
AD9525
Data Sheet
Rev. 0 | Page 2 of 48
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Conditions..................................................................................... 3
Supply Current.............................................................................. 3
Power Dissipation......................................................................... 3
REFA and REFB Input Characteristics...................................... 4
REFC Input Characteristics ........................................................ 4
Clock Inputs .................................................................................. 5
PLL Characteristics ...................................................................... 5
PLL Digital Lock Detect .............................................................. 6
Clock Outputs............................................................................... 6
Timing Characteristics ................................................................ 7
Clock Output Absolute Time Jitter (Clock Generation
Using External 122.88 MHz VCXO).......................................... 8
Clock Output Absolute Time Jitter (Clock Generation
Using External 1475 MHz VCO) ............................................... 8
Clock Output Absolute Time Jitter (Clock Generation
Using External 2.05 GHz VCO) ................................................. 9
Clock Output Absolute Time Jitter (Clock Generation
Using External 3 GHz VCO) ...................................................... 9
Clock Output Additive Phase Noise (Distribution Only;
Clock Input to Distribution Output, Including VCO
Divider).......................................................................................... 9
PD, RESET, and REF_SEL Pins................................................ 10
STATUS and REF_MON Pins .................................................. 10
Serial Control Port ..................................................................... 11
Absolute Maximum Ratings ......................................................... 12
Thermal Resistance.................................................................... 12
ESD Caution................................................................................ 12
Pin Configuration and Function Descriptions........................... 13
Typical Performance Characteristics ........................................... 15
Terminology.................................................................................... 18
Detailed Block Diagram ................................................................ 19
Theory of Operation ...................................................................... 20
Configuration of the PLL .......................................................... 20
Clock Distribution ..................................................................... 23
SYNC_OUT ................................................................................ 23
Reset Modes ................................................................................ 25
Power-Down Modes .................................................................. 26
Serial Control Port ......................................................................... 27
Pin Descriptions ......................................................................... 27
General Operation of Serial Control Port............................... 27
The Instruction Word (16 Bits)................................................ 28
MSB/LSB First Transfers ........................................................... 28
Control Registers ............................................................................ 31
Control Register Map Overview .............................................. 31
Register Map Descriptions ............................................................ 33
Applications Information .............................................................. 45
Frequency Planning Using the AD9525.................................. 45
Using the AD9525 Outputs for ADC Clock Applications.... 45
LVPECL Clock Distribution..................................................... 46
SYNC_OUT Distribution ......................................................... 46
Outline Dimensions....................................................................... 47
Ordering Guide............................................................................... 47
REVISION HISTORY
10/12—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com