Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9525/PCBZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9525/PCBZ
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525/PCBZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9525/PCBZ Datasheet HTML 28Page - Analog Devices AD9525/PCBZ Datasheet HTML 29Page - Analog Devices AD9525/PCBZ Datasheet HTML 30Page - Analog Devices AD9525/PCBZ Datasheet HTML 31Page - Analog Devices AD9525/PCBZ Datasheet HTML 32Page - Analog Devices AD9525/PCBZ Datasheet HTML 33Page - Analog Devices AD9525/PCBZ Datasheet HTML 34Page - Analog Devices AD9525/PCBZ Datasheet HTML 35Page - Analog Devices AD9525/PCBZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
AD9525
Data Sheet
Rev. 0 | Page 32 of 48
Reg.
Addr.
(Hex)
Register
Name
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
Value
(Hex)
0x0F4
LVPECL OUT4
Don't
care
Don't care
Don't care
Power
down
Channel 4,
Channel 5
Don't care
OUT4 PECL output level,
Bits[1:0]
Power down
PECL driver
0x04
0x0F5
LVPECL OUT5
Don't
care
Don't care
Don't care
Reserved
Don't care
OUT5 PECL output level,
Bits[1:0]
Power down
PECL driver
0x04
0x0F6
LVPECL OUT6
Don't
care
Don't care
Don't care
Power
down
Channel 6,
Channel 7
Don't care
OUT6 PECL output level,
Bits[1:0]
Power down
PECL driver
0x04
0x0F7
LVPECL OUT7
Don't
care
Don't care
Don't care
Reserved
Don't care
OUT7 PECL output level,
Bits[1:0]
Power down
PECL driver
0x04
0x0F8
Sync output
Don't
care
Don't care
Don't care
Power
down sync
channel
Don't care
SYNC_OUT PECL output
level, Bits[1:0]
Power down
PECL driver
0x10
0x0F9
Sync output,
other control
Don't
care
Don't care
Don't care
Polarity
CMOS
mode
Enable CMOS drivers,
Bits[1:0]
CMOS mode
Sync out
resampling
edge select
0x00
0x0FA
Drivers
reserved
Don't
care
Don't care
Don't care
Don't care
Don't care
Don't
care
Don't care
Don't care
0x00
SYNC Control
0x190
Sync clock
S divider
Sync clock S divider, Bits[7:0]
0x00
0x191
Sync clock
S divider
Sync clock S divider, Bits[15:8]
0x00
0x192
Sync clock
control
Don't
care
Don't care
Don't care
Sync
enable
Sync source, Bits[1:0]
Sync mode, Bits[1:0]
0x00
VCO, Reference and CLK1 Inputs
0x1E0
VCO divider
Don't
care
Don't care
Don't care
Don't care
Don't care
M divider, Bits[2:0]
0x00
Other
0x230
Power-down
Don't
care
Don't care
Don't care
Dist all
power-
down
CLKIN power-
down
M
divider
power-
down
Distribution
reference
power-down
PLL power-
down
0x00
0x232
IO_UPDATE
Don't
care
Don't care
Don't care
Don't care
Don't care
Don't
care
Don't care
IO_UPDATE
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com