Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9525/PCBZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9525/PCBZ
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525/PCBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9525/PCBZ Datasheet HTML 4Page - Analog Devices AD9525/PCBZ Datasheet HTML 5Page - Analog Devices AD9525/PCBZ Datasheet HTML 6Page - Analog Devices AD9525/PCBZ Datasheet HTML 7Page - Analog Devices AD9525/PCBZ Datasheet HTML 8Page - Analog Devices AD9525/PCBZ Datasheet HTML 9Page - Analog Devices AD9525/PCBZ Datasheet HTML 10Page - Analog Devices AD9525/PCBZ Datasheet HTML 11Page - Analog Devices AD9525/PCBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
AD9525
Data Sheet
Rev. 0 | Page 8 of 48
CLOCK OUTPUT ABSOLUTE TIME JITTER (CLOCK GENERATION USING EXTERNAL 122.88 MHZ VCXO)
Table 11.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL OUTPUT ABSOLUTE TIME JITTER
Application example based on a typical setup using
an external 122.88 MHz VCXO (Crystek CVHD-950);
reference = 122.88 MHz; R divider = 1; LBW = 40 Hz
FOUT = 122.88 MHz
107
fs rms
Integration BW = 1 kHz to 40 MHz
69
fs rms
Integration BW = 12 kHz to 20 MHz
FOUT = 61.44 MHz
108
fs rms
Integration BW = 1 kHz to 20 MHz
107
fs rms
Integration BW = 12 kHz to 20 MHz
CLOCK OUTPUT ABSOLUTE TIME JITTER (CLOCK GENERATION USING EXTERNAL 1475 MHZ VCO)
Table 12.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL OUTPUT ABSOLUTE TIME JITTER
Application example based on a typical setup using
an external 1475 MHz VCO (Bowei Model MVCO-1475);
reference = 122.88 MHz; R divider = 1; PLL LBW = 18 kHz
FOUT = 1474.56 MHz
99
fs rms
Integration BW = 1 kHz to 100 MHz
77
fs rms
Integration BW = 10 kHz to 100 MHz
74
fs rms
Integration BW = 10 kHz to 40 MHz
68
fs rms
Integration BW = 12 kHz to 20 MHz
Reference Sideband Spurs
−93
dBc
±122.88 MHz
FOUT = 245.76 MHz
104
fs rms
Integration BW = 1 kHz to 100 MHz
87
fs rms
Integration BW = 10 kHz to 100 MHz
75
fs rms
Integration BW = 12 kHz to 20 MHz
Reference Sideband Spurs
−98
dBc
±122.88 MHz
Table 13.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL OUTPUT ABSOLUTE TIME JITTER
Application example based on a typical setup using
an external 1475 MHz VCO (Z-Communications CRO1474-LF);
reference = 122.88 MHz; R divider = 1; PLL LBW = 8 kHz
FOUT = 1474.56 MHz
72
fs rms
Integration BW = 1 kHz to 100 MHz
40
fs rms
Integration BW = 10 kHz to 100 MHz
33
fs rms
Integration BW = 10 kHz to 40 MHz
28
fs rms
Integration BW = 12 kHz to 20 MHz
Reference Sideband Spurs
−94
dBc
±122.88 MHz
FOUT = 245.76 MHz
83
fs rms
Integration BW = 1 kHz to 100 MHz
61
fs rms
Integration BW = 10 kHz to 40 MHz
46
fs rms
Integration BW = 12 kHz to 20 MHz
Reference Sideband Spurs
−93
dBc
±122.88 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com