Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9525/PCBZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9525/PCBZ
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525/PCBZ Datasheet(HTML) 4 Page - Analog Devices

  AD9525/PCBZ Datasheet HTML 1Page - Analog Devices AD9525/PCBZ Datasheet HTML 2Page - Analog Devices AD9525/PCBZ Datasheet HTML 3Page - Analog Devices AD9525/PCBZ Datasheet HTML 4Page - Analog Devices AD9525/PCBZ Datasheet HTML 5Page - Analog Devices AD9525/PCBZ Datasheet HTML 6Page - Analog Devices AD9525/PCBZ Datasheet HTML 7Page - Analog Devices AD9525/PCBZ Datasheet HTML 8Page - Analog Devices AD9525/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
AD9525
Data Sheet
Rev. 0 | Page 4 of 48
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER DELTAS, INDIVIDUAL FUNCTIONS
Power delta when a function is enabled/disabled
M Divider On/Off
5
8.7
mW
M divider bypassed
P Divider On/Off
3
5.7
mW
P divider bypassed
B Divider On/Off
16
23.1
mW
B divider bypassed
REFB On
15
25
mW
Delta from powering down REFB differential input
PLL On/Off
254
300.5
mW
PLL off to PLL on, normal operation; no reference
enabled
One Channel, One Driver
159
184
mW
No LVPECL output on to one LVPECL output on
at 2949.12 MHz; same output pair
One Channel, Two Drivers
288
337
mW
No LVPECL output on to two LVPECL outputs on
at 2949.12 MHz; same output pair
REFA AND REFB INPUT CHARACTERISTICS
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIFFERENTIAL MODE (REFA, REFA; REFB, REFB)
Differential mode (can accommodate single-
ended input by ac grounding unused input)
Input Frequency
0
500
MHz
Frequencies below ~1 MHz should be dc-coupled;
be careful to match self-bias voltage
Input Sensitivity
200
mV p-p
Frequency at 122.88 MHz
Self-Bias Voltage, REFA and REFB
1.52
1.65
1.78
V
Self-bias voltage of REFA and REFB inputs1
Self-Bias Voltage, REFA and REFB
1.38
1.50
1.61
V
Self-bias voltage of REFA and REFB inputs1
Input Resistance, REFA and REFB
4.5
4.7
4.9
kΩ
Self-biased1
Input Resistance, REFA and REFB
4.9
5.2
5.4
kΩ
Self-biased1
DUTY CYCLE
Duty cycle bounds are set by pulse width high and
pulse width low
Pulse Width Low
500
ps
Pulse Width High
500
ps
1
The differential pairs of REFA and REFA, REFB and REFB self-bias points are offset slightly to avoid chatter on an open input condition.
REFC INPUT CHARACTERISTICS
Table 5.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFC INPUT
Input Frequency Range
300
MHz
DC-coupled input (not self-biased)
Input High Voltage
2.0
V
Input Low Voltage
0.8
V
Input Current
1
µA
Duty Cycle
Duty cycle bounds are set by pulse width high and
pulse width low
Pulse Width Low
1
ns
Pulse Width High
1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com