Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICDEMPIC18 Datasheet(PDF) 28 Page - Microchip Technology

Part # PICDEMPIC18
Description  PICDEMPIC18 EXPLORER DEMONSTRATION BOARD USER?셎 GUIDE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEMPIC18 Datasheet(HTML) 28 Page - Microchip Technology

Back Button PICDEMPIC18 Datasheet HTML 24Page - Microchip Technology PICDEMPIC18 Datasheet HTML 25Page - Microchip Technology PICDEMPIC18 Datasheet HTML 26Page - Microchip Technology PICDEMPIC18 Datasheet HTML 27Page - Microchip Technology PICDEMPIC18 Datasheet HTML 28Page - Microchip Technology PICDEMPIC18 Datasheet HTML 29Page - Microchip Technology PICDEMPIC18 Datasheet HTML 30Page - Microchip Technology PICDEMPIC18 Datasheet HTML 31Page - Microchip Technology PICDEMPIC18 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
PICDEM™ PIC18 Explorer Demonstration Board User’s Guide
DS51721B-page 24
© 2008 Microchip Technology Inc.
3. Clock
Once this mode is entered from the main menu, a Real-Time Clock (RTC) will start
counting from 00:00:00. The Timer1 module uses a 32-kHz clock crystal to establish
the clock.
The program also sends the time data to the RS-232 serial port using the Universal
Asynchronous Receiver Transmitter (UART) on the microcontroller. This enables the
host PC to display the LCD’s data using the Hyper Terminal application on the PC.
If using the Hyper Terminal application, use the settings given in Table 3-1.
To set the clock time:
1.
Enter the clock-setting program by pressing RB0. The clock begins running.
2.
To set the hours value, press RA5.
3.
Increment the hours to the desired value by pressing RB0.
4.
To set the minutes value, press RA5.
5.
Increment the minutes to the desired value by pressing RB0.
6.
To start the clock with the set time, press RA5. The LCD returns to an active clock
display.
7.
To return to the main menu, press RB0.
Note:
For information on connecting the board’s RS-232 serial port to the PC, see
Section 2.5 “Connecting to Host PC for RS-232 Communication”.
TABLE 3-1:
HYPER TERMINAL SETTINGS
Field
Setting
Bits per second
9600
Data bits
8
Parity
None
Stop bits
1
Flow control
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com