Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICDEMPIC18 Datasheet(PDF) 19 Page - Microchip Technology

Part # PICDEMPIC18
Description  PICDEMPIC18 EXPLORER DEMONSTRATION BOARD USER?셎 GUIDE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEMPIC18 Datasheet(HTML) 19 Page - Microchip Technology

Back Button PICDEMPIC18 Datasheet HTML 15Page - Microchip Technology PICDEMPIC18 Datasheet HTML 16Page - Microchip Technology PICDEMPIC18 Datasheet HTML 17Page - Microchip Technology PICDEMPIC18 Datasheet HTML 18Page - Microchip Technology PICDEMPIC18 Datasheet HTML 19Page - Microchip Technology PICDEMPIC18 Datasheet HTML 20Page - Microchip Technology PICDEMPIC18 Datasheet HTML 21Page - Microchip Technology PICDEMPIC18 Datasheet HTML 22Page - Microchip Technology PICDEMPIC18 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
Getting Started
© 2008 Microchip Technology Inc.
DS51721B-page 15
2.3.3
Calculating Other VDD Values
Other VDD values can be produced by the LM317 adjustable voltage regulator by
populating the PIM board’s R101 and R102 with different value resistors.
A brief overview follows, on how to calculate alternate values for these resistors. For
detailed information, see the LM317 data sheet.
EQUATION 2-1:
REGULATOR VOLTAGE OUTPUT
IADJ is minimized by the LM317, so it can be assumed to be zero, or very small. VREF
is the reference voltage developed by the LM317 between the output and adjustment
terminal and equals 1.25V.
That produces the equations shown in Equation 2-2.
As stated previously, R25 = 1 k
Ω, and R26 = 330Ω. Without R102 and R101 being
inserted in parallel on the PIM board, VOUT =1.25V(1+ 1 k
Ω/330Ω) = 5.04V.
To calculate a desired VOUT:
1.
Solve for R2, given R1 = R26 = 330
Ω.
2.
Now knowing R2 and R25, solve for R102.
3.
Determine the nearest available resistor value for R102 and recalculate the
resulting VDD to make sure it does not exceed the maximum VDD for the part you
will be using.
Table 2-2 shows the R101 and R102 resistor values to use for different VDD values. The
table assumes that the PICDEM PIC18 Explorer Demonstration Board’s R25 and R26
resistors are left at their default values of 1K
Ω and 330Ω, respectively.
EQUATION 2-2:
CALCULATING OUTPUT VOLTAGE
TABLE 2-2:
CALCULATING R101, R102 VALUES FOR VDD OUTPUTS†
VDD
R101 Value
R102 Value
5V
Open
Open
3.6V
Open
1.62 k
Ω
3.3V
Open
1.18 k
Ω
3.0V
Open
866 R
Ω
† This table assumes that the
PICDEM PIC18 Explorer Demonstration Board’s
R25 and R26 resistors are left at their default values of 1 k
Ω and 330Ω,
respectively.
V
OUT
V
REF 1
R2
R1
-------
+
⎝⎠
⎛⎞
I
ADJ
R2
⋅
+
=
V
OUT
1.25V 1
R2
R1
-------
+
⎝⎠
⎛⎞
=
R2
R25
R102
||
R25 R102
⋅
()
R25
R102
+
()
----------------------------------
==
R1
R26
R101
||
R26 R101
⋅
()
R26
R101
+
()
----------------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com