Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICDEMPIC18 Datasheet(PDF) 13 Page - Microchip Technology

Part # PICDEMPIC18
Description  PICDEMPIC18 EXPLORER DEMONSTRATION BOARD USER?셎 GUIDE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEMPIC18 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PICDEMPIC18 Datasheet HTML 9Page - Microchip Technology PICDEMPIC18 Datasheet HTML 10Page - Microchip Technology PICDEMPIC18 Datasheet HTML 11Page - Microchip Technology PICDEMPIC18 Datasheet HTML 12Page - Microchip Technology PICDEMPIC18 Datasheet HTML 13Page - Microchip Technology PICDEMPIC18 Datasheet HTML 14Page - Microchip Technology PICDEMPIC18 Datasheet HTML 15Page - Microchip Technology PICDEMPIC18 Datasheet HTML 16Page - Microchip Technology PICDEMPIC18 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
© 2008 Microchip Technology Inc.
DS51721B-page 9
PICDEM™ PIC18 EXPLORER
DEMONSTRATION BOARD
USER’S GUIDE
Chapter 2. Getting Started
The PICDEM™ PIC18 Explorer Demonstration Board may be used in a variety of
ways. Table 2-1 lists the three primary configurations and the required equipment and
capabilities of each.
This chapter describes:
• How to implement each of the uses described in Table 2-1
• How to reprogram the main and RS-232 to USB microcontrollers
• How to connect the demonstration board to a host PC for RS-232 communication
2.1
BOARD AS STAND-ALONE DEVICE
In using the PICDEM PIC18 Explorer Demonstration Board as a stand-alone device,
an implementation can:
• Use the board as is, utilizing the firmware loaded on the main, PIC18F8722
microcontroller and RS-232 to USB PIC18LF2450 microcontroller
• Reprogram the main, PIC18F8722 microcontroller or the RS-232 to USB,
PIC18LF2450 microcontroller and demonstrate user programs
TABLE 2-1:
PICDEM™ PIC18 EXPLORER DEMONSTRATION BOARD CONFIGURATIONS
Configuration
Board Connections
Board Capabilities
Stand-alone board
Power supply
• Access board’s full functionality
• Demonstrate sample code
• Display functionality with LCD or LEDs
• Connect ICD/programmer for debugging or
programming
• Connect PICtail™ daughter cards
Board with in-circuit
debugger/programmer
• Power supply
• In-Circuit Debugger (ICD) that
also can be used as a
programmer
• Access board’s full functionality
• Demonstrate sample code
• Develop and debug code
• Reprogram microcontrollers
• Connect PICtail daughter cards
Board with alternate
microcontroller, attached
through a Plug-In Module
(PIM)
• Power supply
• ICD that also can be used as a
programmer
• PIM with mounted microcontroller
• Substitute PIM-mounted device as main
microcontroller†
• Use 3.3V or 5V devices as main microcontroller
• Demonstrate sample code
• Develop and debug code
• Reprogram microcontrollers
• Connect PICtail daughter cards
† PIM enables 80, 64, 44 and 28-pin devices to be used as the main microcontroller. For information on the
available PIMs, go to
http://microchip.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com