Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICDEMPIC18 Datasheet(PDF) 18 Page - Microchip Technology

Part # PICDEMPIC18
Description  PICDEMPIC18 EXPLORER DEMONSTRATION BOARD USER?셎 GUIDE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEMPIC18 Datasheet(HTML) 18 Page - Microchip Technology

Back Button PICDEMPIC18 Datasheet HTML 14Page - Microchip Technology PICDEMPIC18 Datasheet HTML 15Page - Microchip Technology PICDEMPIC18 Datasheet HTML 16Page - Microchip Technology PICDEMPIC18 Datasheet HTML 17Page - Microchip Technology PICDEMPIC18 Datasheet HTML 18Page - Microchip Technology PICDEMPIC18 Datasheet HTML 19Page - Microchip Technology PICDEMPIC18 Datasheet HTML 20Page - Microchip Technology PICDEMPIC18 Datasheet HTML 21Page - Microchip Technology PICDEMPIC18 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
PICDEM™ PIC18 Explorer Demonstration Board User’s Guide
DS51721B-page 14
© 2008 Microchip Technology Inc.
2.3.2
Varying the Device Voltage (5V/3.3V)
By default, the PICDEM PIC18 Explorer Demonstration Board’s VDD supply is 5V. The
VDD can be varied, for PIM-mounted microcontrollers, from 5 to 3.3V to accommodate
devices running at 5 or 3.3V. This VDD is named VAR.
The PICDEM PIC18 Explorer Demonstration Board enables the voltage change with
PIM connection headers and a variable voltage regulator. PIMs mounted with 3.3V
devices implement the voltage change through two resistors with values that produce
the desired voltage. (See “Calculating Other VDD Values” on page 15.)
The voltage varying hardware includes:
• An adjustable voltage regulator, the LM317 – Located on the board, left of the PIM
connectors and marked as U2 (recognizable by the TO-220 package commonly
used for transistors)
• Header J2 – Located above the PIM connectors
• Resistors R25 and R26 – Located below jumper J13
• Resistors R101 and R102 – Located on the PIM board
In setting the board’s voltage:
• For the default, 5V voltage –
- For board-mounted PIC18F8722 device:
• Board resistor R25 = 1 k
Ω
• Board resistor R26 = 330
Ω
- For a PIM-mounted, 5V microcontroller:
• Board resistors R25 and R26 – Same values of 1 k
Ω and 330Ω,
respectively
• PIM-mounted resistors R101 and R102 – Unpopulated
• For 3.3V VDD (achieved only with a PIM with a mounted 3.3V device, such as the
PIC18F87J11) –
- Header J2 goes into the PIM board where resistors R101 and R102 are
inserted in parallel to the board resistors R25 and R26
- PIM board resistor R101 can be unpopulated
- PIM board resistor R102 can be 1.18 k
Ω.
Note:
For precise adjustment of VDD, 1% resistors are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com