Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICDEMPIC18 Datasheet(PDF) 14 Page - Microchip Technology

Part # PICDEMPIC18
Description  PICDEMPIC18 EXPLORER DEMONSTRATION BOARD USER?셎 GUIDE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEMPIC18 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PICDEMPIC18 Datasheet HTML 10Page - Microchip Technology PICDEMPIC18 Datasheet HTML 11Page - Microchip Technology PICDEMPIC18 Datasheet HTML 12Page - Microchip Technology PICDEMPIC18 Datasheet HTML 13Page - Microchip Technology PICDEMPIC18 Datasheet HTML 14Page - Microchip Technology PICDEMPIC18 Datasheet HTML 15Page - Microchip Technology PICDEMPIC18 Datasheet HTML 16Page - Microchip Technology PICDEMPIC18 Datasheet HTML 17Page - Microchip Technology PICDEMPIC18 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
PICDEM™ PIC18 Explorer Demonstration Board User’s Guide
DS51721B-page 10
© 2008 Microchip Technology Inc.
2.1.1
Using the Board As Is
To immediately implement the PICDEM PIC18 Explorer Demonstration Board to
demonstrate the PIC18F8722 microcontroller:
1.
Designate the mounted, PIC18F8722 device as the board’s main microcontroller
by moving Switch S4 to PIC MCU, as shown in Figure 2-1.
FIGURE 2-1:
S4 SWITCH – SETTING FOR DEFAULT MAIN
MICROCONTROLLER
2.
Enable the LEDs by placing a jumper on JP1, as shown in Figure 2-2.
FIGURE 2-2:
JP1, JP2 AND JP3 JUMPERS
3.
Enable the EEPROM and the LCD by placing a jumper on JP2 and JP3, as
shown in Figure 2-2.
4.
Apply power to the board.
For information on acceptable power sources, see Appendix A. “Hardware
Details”.
The device now can be demonstrated using the tutorial program. (See
Section 3.1 “Tutorial Program Operation”.)
PIC® MCU
S4
ICE
S4 Switch
Switch Location
Switch Position
JP2
JP3
JP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com