Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1630-FSZR Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS1630-FSZR
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1630-FSZR Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS1630-FSZR Datasheet HTML 25Page - Cirrus Logic CS1630-FSZR Datasheet HTML 26Page - Cirrus Logic CS1630-FSZR Datasheet HTML 27Page - Cirrus Logic CS1630-FSZR Datasheet HTML 28Page - Cirrus Logic CS1630-FSZR Datasheet HTML 29Page - Cirrus Logic CS1630-FSZR Datasheet HTML 30Page - Cirrus Logic CS1630-FSZR Datasheet HTML 31Page - Cirrus Logic CS1630-FSZR Datasheet HTML 32Page - Cirrus Logic CS1630-FSZR Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
CS1630/31
DS954F2
29
6.2 Configuration 0 (Config0) – Address 0
6.3 Lockout Key (LOCK0, LOCK1, LOCK2, LOCK3) – Address 1 - 4
Lockout Key is a 32-bit long-word used for password protection when accessing the OTP registers. Register
LOCK0 is the least significant byte of the Lockout Key, and register LOCK3 is the most significant byte of
Lockout Key. Register LOCK2 is the byte to the right of LOCK3, and register LOCK1 is the byte to the left of
LOCK0. To access the OTP registers on an IC with a lockout mechanism that has been enabled, see “Cus-
tomer I2C Lockout” on page 25.
6.4 Color Polynomial Coefficient (P30, P20, P10, P03, P02, P01, P21, P12, P11, P00) – Address 5 - 24
Color polynomial coefficients used to calculate the gain (GAINDTR) that controls the current in the color LED
channel based on temperature drift and current dim level. The value is a two's complement number in the
range of -8.0
value<8.0, with the binary point to the right of bit 12. The gain polynomial is:
where,
T = the measured normalized temperature and is 0
T<1.0
D = the normalized dim value and is 0
D<1.0
GAINDTR = gain of the channel based on the temperature measurement and the dim value. The polynomial
coefficients should be selected such that the computed GAINDTR is always a positive number in the range
of 0<GAINDTR<4.
Color Polynomial Coefficients, Pxx, are 16 bits in length where Pxx - MSB is the most significant byte and Pxx-
LSB is the least significant byte.
7
654
32
10
--
--
--
MODE
LOCKOUT
Number
Name
Description
[7:2]
-
Reserved
[1]
MODE
Appends two of the color system coefficients (P01 followed by P10) to the 32-
bit lockout key to make it a 64-bit key from a 32-bit key to increase security.
0 = 32-bit key
1 = 64-bit key
[0]
LOCKOUT
Configures the IC lockout security mechanism by using Lockout Key.
0 = Disable
1 = Enable
MSB
30
29
28
27
26
25
24
.....
654321
LSB
231
230
229
228
227
226
225
224
.....
26
25
24
23
22
21
20
MSB
14
13
12
11
10
987654321
LSB
-(23)22
21
20
2-1
2-2
2-3
2-4
2-5
2-6
2-7
2-8
2-9
2-10
2-11
2-12
GAINDTR P30 T
3
P20 T
2
P10
++
T
P03 D
3
P02
++
D
2
P01 D
P21 T
2 D
++
=
P12 T D
2
P11 T D
P00
++
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com