Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1630-FSZR Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS1630-FSZR
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1630-FSZR Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS1630-FSZR Datasheet HTML 28Page - Cirrus Logic CS1630-FSZR Datasheet HTML 29Page - Cirrus Logic CS1630-FSZR Datasheet HTML 30Page - Cirrus Logic CS1630-FSZR Datasheet HTML 31Page - Cirrus Logic CS1630-FSZR Datasheet HTML 32Page - Cirrus Logic CS1630-FSZR Datasheet HTML 33Page - Cirrus Logic CS1630-FSZR Datasheet HTML 34Page - Cirrus Logic CS1630-FSZR Datasheet HTML 35Page - Cirrus Logic CS1630-FSZR Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
CS1630/31
32
DS954F2
6.8 Configuration 3 (Config3) – Address 35
7
654
32
10
STRING
TT_MAX1
TT_MAX0
LED_ARG
IPEAK2
IPEAK1
IPEAK0
-
Number
Name
Description
[7]
STRING
Configures second stage series/parallel output channel configuration.
0 = Second stage configured as parallel strings
1 = Second stage configured with strings in series
[6:5]
TT_MAX[1:0]
Configures the maximum measurable second stage switching cycle period.
00 = 51.15
s
01 = 102.35
s
10 = 153.55
s
11 = 204.75
s
[4]
LED_ARG
Configures which channel is connected to the color LED string (the string with a
gain that is dependent on dim and temperature).
0 = Color LED string connected to channel 1
1 = Color LED string connected to channel 2
[3:1]
IPEAK[2:0]
Configures the minimum measurable peak current level on the second stage
sense resistor when the gate drive is turned on along with the CLAMP[1:0] set-
ting. IPEAK[2:0] is an unsigned integer in the range of 0
value7. The voltage
on the FBSENSE pin that corresponds to the minimum peak current is calcu-
lated using the following formula:
[0]
-
Reserved
1.4
IPEAK[2:0] 1
+
 16
 15
+

CLAMP[1:0] 8

–
8
+
512
---------------------------------------------------------------------------------------------------------------------------------------------------





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com