Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1630-FSZR Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS1630-FSZR
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1630-FSZR Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS1630-FSZR Datasheet HTML 30Page - Cirrus Logic CS1630-FSZR Datasheet HTML 31Page - Cirrus Logic CS1630-FSZR Datasheet HTML 32Page - Cirrus Logic CS1630-FSZR Datasheet HTML 33Page - Cirrus Logic CS1630-FSZR Datasheet HTML 34Page - Cirrus Logic CS1630-FSZR Datasheet HTML 35Page - Cirrus Logic CS1630-FSZR Datasheet HTML 36Page - Cirrus Logic CS1630-FSZR Datasheet HTML 37Page - Cirrus Logic CS1630-FSZR Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
CS1630/31
34
DS954F2
6.12 Configuration 7 (Config7) – Address 39
6.13 Configuration 8 (Config8) – Address 40
7
654
32
10
PROBE
PRCNT3
PRCNT2
PRCNT1
PRCNT0
-
-
-
Number
Name
Description
[7]
PROBE
Configures the automated TRES probe operation that measures the resonant
frequency on the drain of the second stage FET using the reflected voltage
applied to the FBAUX pin for improved valley switching performance.
0 = Disables TRES probe
1 = Enables TRES probe
[6:3]
PRCNT[3:0]
When PROBE=‘1’, sets the number of switching cycles TTCycles between TRES
probe measurements.
When PROBE=‘0’, sets the time for a quarter period of the resonant period
TRES.
[2:0]
-
Reserved
7
654
32
10
RSHIFT3
RSHIFT2
RSHIFT1
RSHIFT0
CH1_ZCD2
CH1_ZCD1
CH1_ZCD0
CH1CURMSB
Number
Name
Description
[7:4]
RSHIFT[3:0]
Sets the number of right shifts performed on the second stage PID integrator
value to generate a 10-bit threshold value for the peak control comparator. For
peak rectify mode, the threshold is calculated by a right shift of the integrator
value. If RSHIFT[3:0] is set to 12, the 24-bit integrator is shifted right 12 times
and the remaining bits represent the threshold value provided to the peak con-
trol comparator.
[3:1]
CH1_ZCD[2:0]
Sets fixed time delay TCH1ZCD(Delay) to account for the delay of the second
stage zero-current detection (ZCD) comparator during channel 1 switching
cycles when the voltage applied to the FBAUX pin falls below the 250mV ZCD
comparator threshold. Configuring TCH1ZCD(Delay) is essential for good quasi-
resonant (valley switching) performance. The value is an unsigned integer in
the range of 0
value7. The delay is defined by:
[0]
CH1CURMSB
Most significant bit for the CH1CUR register (see "Channel 1 Output Current
(CH1CUR) – Address 41" on page 35).
TTCycles
16 P
 RCNT[3:0]
 15
+
=
TRES
4
--------------
2 PRCNT[3:0] 50ns

=
TCH1ZCD Delay

CH1_ZCD
=
[2:0] 50ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com