Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1630-FSZR Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS1630-FSZR
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1630-FSZR Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS1630-FSZR Datasheet HTML 39Page - Cirrus Logic CS1630-FSZR Datasheet HTML 40Page - Cirrus Logic CS1630-FSZR Datasheet HTML 41Page - Cirrus Logic CS1630-FSZR Datasheet HTML 42Page - Cirrus Logic CS1630-FSZR Datasheet HTML 43Page - Cirrus Logic CS1630-FSZR Datasheet HTML 44Page - Cirrus Logic CS1630-FSZR Datasheet HTML 45Page - Cirrus Logic CS1630-FSZR Datasheet HTML 46Page - Cirrus Logic CS1630-FSZR Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
CS1630/31
DS954F2
43
6.32 Configuration 50 (Config50) – Address 82
6.33 Configuration 51 (Config51) – Address 83
7
654
32
10
OVP_CNT2
OVP_CNT1
OVP_CNT0
OVP_LAT
OVP_TYPE
OVP_BLANK2 OVP_BLANK1 OVP_BLANK0
Number
Name
Description
[7:5]
OVP_CNT[2:0]
Sets the second stage OVP fault counter threshold used when declaring a
fault.
0 = Force OVP fault (debug only)
1-7 = Number of times an OVP fault has to occur consecutively before
the IC will enter a fault state.
[4]
OVP_LAT
Configures second stage OVP fault type.
0 = Unlatched fault
1 = Latched fault
[3]
OVP_TYPE
Selects the type of blanking for the second stage OVP. When bit
OVP_TYPE is set to T2 offset, the blanking time is always equal to the cor-
responding channel’s previous T2 switching cycle time minus an offset of
500ns.
0 = Fixed time blanking mode
1 = T2 offset blanking mode.
[2:0]
OVP_BLANK[2:0]
Configures fixed time blanking interval tOVP for output open protection,
OVP. The value is an unsigned integer in the range of 0
value7.
7
654
32
10
RESTART5
RESTART4
RESTART3
RESTART2
RESTART1
RESTART0 FAULT_SLOW FAULT_SHDN
Number
Name
Description
[7:2]
RESTART[5:0]
Set fault restart time TRestart for second stage faults that are set as unlatched
type. If slow restart bit FAULT_SLOW is enabled, then
else
[1]
FAULT_SLOW
Configures slow restart for second stage faults that are set at unlatched type.
0 = Disable slow restart; use 25.6
s timer for restart time countdown
1 = Enable slow restart; use 40.96ms timer for restart time countdown
[0]
FAULT_SHDN
Selects which stages to disable when a fault event occurs in the second stage.
0 = Shutdown second stage only
1 = Shutdown boost stage and second stage
tOVP
1
s
OVP_BLANK
+
[2:0] 0.5
s 
=
TRestart
RESTART[5:0] 40.96ms
=
TRestart
RESTART[5:0] 25.6
s
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com