Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1630-FSZR Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS1630-FSZR
Description  2-Channel TRIAC Dimmable LED Driver IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1630-FSZR Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS1630-FSZR Datasheet HTML 41Page - Cirrus Logic CS1630-FSZR Datasheet HTML 42Page - Cirrus Logic CS1630-FSZR Datasheet HTML 43Page - Cirrus Logic CS1630-FSZR Datasheet HTML 44Page - Cirrus Logic CS1630-FSZR Datasheet HTML 45Page - Cirrus Logic CS1630-FSZR Datasheet HTML 46Page - Cirrus Logic CS1630-FSZR Datasheet HTML 47Page - Cirrus Logic CS1630-FSZR Datasheet HTML 48Page - Cirrus Logic CS1630-FSZR Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
CS1630/31
DS954F2
45
6.35 Configuration 53 (Config53) – Address 85
7
654
32
10
BOP_INTEG2 BOP_INTEG1 BOP_INTEG0 BOP_THRES3 BOP_THRES2 BOP_THRES1 BOP_THRES0 BOOST_ON
Number
Name
Description
[7:5]
BOP_INTEG[2:0]
Sets the leaky integrator output threshold for declaring a boost output protec-
tion (BOP) fault. The BOP fault signal is averaged continuously using a leaky
integrator and if the averaged value exceeds the leaky integrator output
threshold a BOP fault is declared. When VBST exceeds the set threshold
BOP_THRES[3:0], the leaky integrator uses these parameters: feedback
coefficient = 63/64; sample rate = 12.5kHz; input = 8.
000 = BOP fault trips immediately when VBST crosses threshold (no filter)
001 = 1
010 = 2
011 = 3
100 = 4
101 = 5
110 = 6
111 = 7
[4:1]
BOP_THRES[3:0]
Configures threshold VBOP(th) for the BOP to be 0 to 30V above the clamp
turn-on voltage setting which is 227V for 120V IC (CS1630) and 432V for
230V IC (CS1631). The threshold value can be set from 0 to 30V in incre-
ments of 2V above the clamp turn-on voltage setting. For a 120V IC:
For a 230V IC:
This value is limited internally to 254V for 120V IC and 508V for 230V IC.
The boost overvoltage protection does not trip immediately when the boost
output voltage crosses this threshold, unless BOP_INTEG[2:0] = 0.
[0]
BOOST_ON
Selects when to enable boost stage on chip power-up.
0 = Boost after eOTP measurement check for TempNTC>TempWakeup
1 = Boost after ADC lock without waiting for eOTP measurement to finish
VBOP th

BOP_THRES
[3:0] 2
 227V
+
=
VBOP th

BOP_THRES
[3:0] 2
 432V
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com