Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD671 Datasheet(PDF) 5 Page - Analog Devices

Part # AD671
Description  Monolithic 12-Bit 2 MHz A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD671 Datasheet(HTML) 5 Page - Analog Devices

  AD671 Datasheet HTML 1Page - Analog Devices AD671 Datasheet HTML 2Page - Analog Devices AD671 Datasheet HTML 3Page - Analog Devices AD671 Datasheet HTML 4Page - Analog Devices AD671 Datasheet HTML 5Page - Analog Devices AD671 Datasheet HTML 6Page - Analog Devices AD671 Datasheet HTML 7Page - Analog Devices AD671 Datasheet HTML 8Page - Analog Devices AD671 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD671
REV. B
–5–
ORDERING GUIDE
Temperature
Package
Model
l
Linearity
Range
Options
2
AD671JD-500
±4 LSB
0
°C to +70°C
D-24A
AD671KD-500
±2 LSB
0
°C to +70°C
D-24A
AD671JD-750
±2 LSB
0
°C to +70°C
D-24A
AD671KD-750
±1.5 LSB
0
°C to +70°C
D-24A
AD671SD-500
±4 LSB
–55
°C to +125°C D-24A
AD671SD-750
±2.5 LSB
–55
°C to +125°C D-24A
NOTES
1For details on grade and package offerings screened in accordance with
MIL-STD-883, refer to the Analog Devices Military Products Databook or
current AD671/883 data sheet.
2D = Ceramic DIP.
ABSOLUTE MAXIMUM RATINGS*
With
Respect
Parameter
to
Min
Max
Units
VCC
ACOM
–0.5
+6.5
Volts
VEE
ACOM
–6.5
+0.5
Volts
VLOGIC
DCOM
–0.5
+6.5
Volts
ACOM
DCOM
–1.0
+1.0
Volts
VCC
VLOGIC
–6.5
+6.5
Volts
ENCODE
DCOM
–0.5
VLOGIC +0.5 Volts
REF IN
ACOM
–0.5
VCC +0.5
Volts
AIN, BPO/UPO
ACOM
–6.5
11.0
Volts
Junction Temperature
+175
°C
Storage Temperature
–65
+150
°C
Lead Temperature (10 sec)
+300
°C
Power Dissipation
1000
mW
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum ratings for extended periods may effect device reliability.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD671 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com