Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD671 Datasheet(PDF) 14 Page - Analog Devices

Part # AD671
Description  Monolithic 12-Bit 2 MHz A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD671 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD671 Datasheet HTML 8Page - Analog Devices AD671 Datasheet HTML 9Page - Analog Devices AD671 Datasheet HTML 10Page - Analog Devices AD671 Datasheet HTML 11Page - Analog Devices AD671 Datasheet HTML 12Page - Analog Devices AD671 Datasheet HTML 13Page - Analog Devices AD671 Datasheet HTML 14Page - Analog Devices AD671 Datasheet HTML 15Page - Analog Devices AD671 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD671
REV. B
–14–
AD671 TO ADSP-2100A INTERFACE
Figure 19 demonstrates the AD671 to ADSP-2100A interface.
The 2100A with a clock frequency of 12.5 MHz can execute an
instruction in one 80 ns cycle. The AD671 is configured to per-
form continuous time sampling. The DAV output of the AD671
is asserted at the end of each conversion. DAV can be used to
latch the conversion result into the two 574 octal D-latches. The
falling edge of the sampling clock is used to generate an inter-
rupt (IRQ3) for the processor. Upon interrupt, the ADSP-
2100A starts a data memory read by providing an address on
the DMA bus. The decoded address generates OE for the
latches and the processor reads their output over the DMA bus.
The conversion result is read within a single processor cycle.
AD671 TO ADSP-2101/ADSP-2102 INTERFACE
Figure 20 is identical to the 2100A interface except the sam-
pling clock is used to generate an interrupt (IRQ2) for the pro-
cessor. Upon interrupt the ADSP-2101A starts a data memory
read by providing an address on the Address (A) bus. The de-
code address generates OE for the D-latches and the processor
reads their output over the Data (D) bus. Reading the conver-
sion result is thus completed within a single processor cycle.
ADSP-2100A
DMA0:13
DMA0:15
DMACK
ADDRESS BUS
DECODE
+5V
Q0:7
D0:7
574
OE
Q0:7
D0:7
574
OE
DATA BUS
D0:3
DAV
BIT1:12
SAMPLING
CLOCK
ENCODE
16
8
4
8
8
4
DMRD
IRQ3
AD671
Figure 19. AD671 to ADSP-2100A Interface
ADSP-2101
A0:13
D0:15
ADDRESS BUS
DECODE
Q0:7
D0:7
574
OE
Q0:7
D0:7
574
OE
DATA BUS
D0:3
DAV
BIT1:12
SAMPLING
CLOCK
ENCODE
16
8
4
8
8
4
RD
IRQ2
AD671
Figure 20. AD671 to ADSP-2101/ADSP-2102 Interface
Figure 21. PCB Silkscreen and Component Placement
Diagram for Figures 5, 10 and 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com