Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD671 Datasheet(PDF) 1 Page - Analog Devices

Part # AD671
Description  Monolithic 12-Bit 2 MHz A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD671 Datasheet(HTML) 1 Page - Analog Devices

  AD671 Datasheet HTML 1Page - Analog Devices AD671 Datasheet HTML 2Page - Analog Devices AD671 Datasheet HTML 3Page - Analog Devices AD671 Datasheet HTML 4Page - Analog Devices AD671 Datasheet HTML 5Page - Analog Devices AD671 Datasheet HTML 6Page - Analog Devices AD671 Datasheet HTML 7Page - Analog Devices AD671 Datasheet HTML 8Page - Analog Devices AD671 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FUNCTIONAL BLOCK DIAGRAM
AIN BPO/UPO
ENCODE REF IN
ACOM
DCOM
LATCHES
CORRECTION LOGIC
RANGE
SELECT
X4
COARSE
4-BIT
FLASH
8-BIT
LADDER
MATRIX
FINE
4-BIT
FLASH
AD671
3
4
4
8
12
20
DAC
OTR MSB
BIT1-12
DAV
21
16
19
23
22
24
17
18
3-BIT
FLASH
3
DAC
3-BIT
FLASH
14
13
15
12
1
VCC
V
LOGIC
EE
V
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Monolithic 12-Bit
2 MHz A/D Converter
AD671
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
12-Bit Resolution
24-Pin “Skinny DIP” Package
Conversion Time: 500 ns max—AD671J/K/S-500
Conversion Time: 750 ns max—AD671J/K/S-750
Low Power: 475 mW
Unipolar (0 V to +5 V, 0 V to +10 V) and Bipolar Input
Ranges ( 5 V)
Twos Complement or Offset Binary Output Data
Out-of-Range Indicator
MIL-STD-883 Compliant Versions Available
PRODUCT DESCRIPTION
The AD671 is a high speed monolithic 12-bit A/D converter
offering conversion rates of up to 2 MHz (500 ns conversion
time). The combination of a merged high speed bipolar/CMOS
process and a novel architecture results in a combination of
speed and power consumption far superior to previously avail-
able hybrid implementations. Additionally, the greater reliability
of monolithic construction offers improved system reliability
and lower costs than hybrid designs.
The AD671 uses a subranging flash conversion technique, with
digital error correction for possible errors introduced in the first
part of the conversion cycle. An on-chip timing generator pro-
vides strobe pulses for each of the four internal flash cycles and
assures adequate settling time for the interflash residue ampli-
fier. A single ENCODE pulse is used to control the converter.
The performance of the AD671 is made possible by using high
speed, low noise bipolar circuitry in the linear sections and low
power CMOS for the logic sections. Analog Devices’ ABCMOS-1
process provides both high speed bipolar and 2-micron CMOS
devices on a single chip. Laser trimmed thin-film resistors are
used to provide accuracy and temperature stability.
The AD671 is available in two conversion speeds and perfor-
mance grades. The AD671J and K grades are specified for op-
eration over the 0
°C to +70°C temperature range. The AD671S
grades are specified for operation over the –55
°C to +125°C
temperature range. All grades are available in a 0.300 inch wide
24-pin ceramic DIP. The J and K grades are also available in a
24-pin plastic DIP.
PRODUCT HIGHLIGHTS
1. The AD671 offers a single chip 2 MHz analog-to-digital
conversion function in a space saving 24-pin DIP.
2. Input signal ranges are 0 V to +5 V and 0 V to +10 V unipo-
lar, and –5 V to +5 V bipolar, selected by pin strapping. In-
put resistance is 1.5 k
Ω. Power supplies are +5 V and –5 V,
and typical power consumption is less than 500 mW.
3. The external +5 V reference can be chosen to suit the dc ac-
curacy and temperature drift requirements of the application.
4. Output data is available in unipolar, bipolar offset or bipolar
twos complement binary format.
5. An OUT OF RANGE output bit indicates when the input
signal is beyond the AD671’s input range.
6. The AD671 is available in versions compliant with the MIL-
STD-883. Refer to the Analog Devices Military Products
Databook or current AD671/883B data sheet for detailed
specifications.


Similar Part No. - AD671

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD671 AD-AD671_15 Datasheet
389Kb / 16P
Monolithic 12-Bit 2 MHz A/D Converter
REV. B
More results

Similar Description - AD671

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5957 NSC-CLC5957 Datasheet
631Kb / 12P
12-bit, 70MSPS Broadband Monolithic A/D Converter
logo
Analog Devices
AD568 AD-AD568 Datasheet
541Kb / 14P
12-Bit Ultrahigh Speed Monolithic D/A Converter
AD9042 AD-AD9042 Datasheet
488Kb / 24P
12-Bit, 41 MSPS Monolithic A/D Converter
REV.A
AD9022 AD-AD9022 Datasheet
240Kb / 12P
12-Bit 20 MSPS Monolithic A/D Converter
REV.B
logo
Intersil Corporation
HI-DAC80V INTERSIL-HI-DAC80V_01 Datasheet
92Kb / 8P
12-Bit, Low Cost, Monolithic D/A Converter
March 2001
logo
Analog Devices
AD671 AD-AD671_15 Datasheet
389Kb / 16P
Monolithic 12-Bit 2 MHz A/D Converter
REV. B
AD9022 AD-AD9022_15 Datasheet
411Kb / 12P
12-Bit 20 MSPS Monolithic A/D Converter
REV. A
AD6012 AD-AD6012_15 Datasheet
2Mb / 6P
LOW COST MONOLITHIC 12 BIT D/A CONVERTER
AD568 AD-AD568_15 Datasheet
544Kb / 14P
12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
logo
Renesas Technology Corp
HI-DAC80V RENESAS-HI-DAC80V Datasheet
483Kb / 8P
12-Bit, Low Cost, Monolithic D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com