Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD671 Datasheet(PDF) 9 Page - Analog Devices

Part # AD671
Description  Monolithic 12-Bit 2 MHz A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD671 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD671 Datasheet HTML 5Page - Analog Devices AD671 Datasheet HTML 6Page - Analog Devices AD671 Datasheet HTML 7Page - Analog Devices AD671 Datasheet HTML 8Page - Analog Devices AD671 Datasheet HTML 9Page - Analog Devices AD671 Datasheet HTML 10Page - Analog Devices AD671 Datasheet HTML 11Page - Analog Devices AD671 Datasheet HTML 12Page - Analog Devices AD671 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD671
REV. B
–9–
AIN
REF IN
BPO/UPO
ACOM
BIT1
BIT12
DCOM
AD671
ENCODE
DAV
OTR
MSB
20
23
24
17
22
18
19
21
13
14
15
16
V
CC
V
EE
V
LOGIC
5V
±
6
4
8
15V
+
2
1
µF
+V
IN
V
OUT
NOISE
REDUCTION
GND
1
12
AD586
U3
C14
6.8
µF
C15
U4
Figure 5. AD586 as Reference Input for AD671
GROUNDING AND DECOUPLING RULES
Proper grounding and decoupling should be a primary design
objective in any high speed, high resolution system. The AD671
separates analog and digital grounds to optimize the manage-
ment of analog and digital ground currents in a system. The
AD671 is designed to minimize the current flowing from
ACOM (Pin 22) by directing the majority of the current from
VCC (+5 V–Pin 23) to VEE (–5 V–Pin 24). Minimizing analog
ground currents hence reduces the potential for large ground
voltage drops. This can be especially true in systems that do not
utilize ground planes or wide ground runs. ACOM is also con-
figured to be code independent, therefore reducing input depen-
dent analog ground voltage drops and errors. The input current
supplied by the external reference (REFIN–Pin 19) and the ma-
jority of the full-scale input signal (AIN–Pin 20) are also di-
rected to VÉE. Also critical in any high speed digital design are
the use of proper digital grounding techniques to avoid potential
CMOS “ground bounce.” Figure 6 is provided to assist in the
proper layout, grounding and decoupling techniques.
Table I is a list of grounding and decoupling guidelines that
should be reviewed before laying out a printed circuit board.
AIN
REF IN
BPO/UPO
ACOM
BIT1
BIT12
DCOM
AD671
ENCODE
DAV
OTR
MSB
20
23
24
17
22
18
19
21
13
14
15
16
V
CC
V
EE
V
LOGIC
5V
±
1
12
V
IN
+
–
+5V REF
*GROUND PLANE RECOMMENDED
0.1
µF
10
µF
10
µF10µF
0.1
µF
0.1
µF
+5V
+5V
–5V
AGP*
DGP*
Figure 6. AD671 Grounding and Decoupling
Table I. Grounding and Decoupling Guidelines
Power Supply
Decoupling
Comment
Capacitor Values
0.1
µF (Ceramic) and 10 µF (Tantalum).
(Surface Mount Chip Capacitors Recom-
mended to Reduce Lead Inductance).
Capacitor Locations
Directly at Positive and Negative
Supply Pins to Respective Ground Plane.
Grounding
Analog Ground
Ground Plane or Wide Ground Return
Connected to the Analog Power Supply.
Digital Ground
Ground Plane or Wide Ground Return
Connected to the Digital Power Supply.
Analog and Digital
Ground
Connected Together Once at the AD671.
UNIPOLAR (0 V TO +10 V) CALIBRATION
The AD671 is factory trimmed to minimize offset, gain and lin-
earity errors. In some applications the offset and gain errors of
the AD671 need to be externally adjusted to zero. This is ac-
complished by trimming the voltage at BPO/UPO (Pin 21) and
REFIN (Pin 19). In those applications the AD588, a high preci-
sion pin programmable voltage reference, is an ideal choice. The
AD588 includes a reference cell and three additional amplifiers
which can be configured to provide offset and gain trims for the
AD671. The circuit in Figure 7 is recommended for calibrating
offset and gain errors of the AD671 when configured in the 0 V
to +10 V input range.
AIN
REF IN
BPO/UPO
ACOM
BIT1
BIT12
DCOM
AD671
ENCODE
DAV
OTR
MSB
20
23
24
17
22
18
19
21
13
14
15
16
V
CC
V
EE
V
LOGIC
1
12
0.1
µF
10
µF
10
µF10µF
0.1
µF
0.1
µF
+5V
+5V
–5V
0 TO
10V
+
10
µF
0.1
µF
10
µF
1
14
15
50
1
µF
150
13
12
11
8
10
9
5
7
6
4
3
5k
R2
100k
50
1
µF
AD588
0.1
µF
150pF
10k
39k
15V
+
2
16
+15
–15
R1
100
Figure 7. Unipolar (0 V to +10 V) Calibration
The AD671 is intended to have a nominal 1/2 LSB offset so
that the exact analog input for a given code will be in the middle
of that code (halfway between the transitions to the codes above
it and below it). Thus, the first transition ( from 0000 0000 0000
to 0000 0000 0001) will occur for an input level of +1/2 LSB
(1.22 mV for 10 V range). If the offset trim resistor R2 is used,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com