Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD671 Datasheet(PDF) 12 Page - Analog Devices

Part # AD671
Description  Monolithic 12-Bit 2 MHz A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD671 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD671 Datasheet HTML 8Page - Analog Devices AD671 Datasheet HTML 9Page - Analog Devices AD671 Datasheet HTML 10Page - Analog Devices AD671 Datasheet HTML 11Page - Analog Devices AD671 Datasheet HTML 12Page - Analog Devices AD671 Datasheet HTML 13Page - Analog Devices AD671 Datasheet HTML 14Page - Analog Devices AD671 Datasheet HTML 15Page - Analog Devices AD671 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD671
REV. B
–12–
HIGH PERFORMANCE SAMPLE-AND-HOLD
AMPLIFIER (SHA)
In order to take full advantage of the AD671’s high speed capa-
bilities, a sample-and-hold amplifier (SHA) with fast acquisition
capabilities and rigid accuracy requirements is essential. One
possibility is a hybrid SHA such as the HTC-0300A, but often a
cost effective alternative like the one shown in Figure 13 may be
a better solution. This discrete SHA requires very few compo-
nents and is able to acquire signals to 0.01% accuracy in less
than 350 nanoseconds. Combined with the AD671, signals with
bandwidths up to 500 kHz can be converted with 12-bit accuracy.
SD5001
IN1
IN2
IN3
IN4
OUT1
OUT2
OUT3
OUT4
G1 G2 G3 G4
U8
AD841
U9
AD845
S/H
S/H
R6
R7
R8
250
R9
R10
10k
R11
250
U10
C24
C25
C26
C27
C28
20pF
C29
20pF
D1
1N4148
VR2 100k
R13
R14
226
C34
5pF
1k
10
11
4
6
5
15V
+
0.1
µF
2k
15V
–
0.1
µF
4
5
13
12
3
6
14
11
2
1
8
16
9
15V
–
1k
2
3
4
15V
–
7
1k
6
0.1
µF
0.1
µF
15V
+
IN
V
(5Vp–p)
ADJ
PEDESTAL
Figure 13. Discrete High Speed Sample-and-Hold Amplifier
CIRCUIT DESCRIPTION
The discrete SHA shown in Figure 13 is a closed-loop, nonin-
verting architecture which accepts 5 V p-p inputs. The overall
gain of the SHA is +2 in order to accommodate the 10 V input
span of the AD671. The AD841, with a 0.01% settling time of
110 ns, is the suggested input buffer to the SHA. The circuit
also employs a SD5001 which contains four ultrahigh speed
DMOS switches (Q1–Q4). The high CMRR, low input offset
current, and fast settling time of the AD845 op amp are all criti-
cal features necessary for optimal performance of the discrete
SHA.
In sample mode, Q1 and Q3 of the SD5001 are closed (Q2 and
Q4 are open). C28 is charged to the input voltage level at a rate
primarily determined by the time constant, R9 • C28. Simulta-
neously, C29 is connected to ground through a 250 ohm resis-
tor. If C28 is equal to C29, charge injection from Q1 will be
approximately equal to charge injection from Q3 based on the
symmetry of the circuit and the inherent matching of the switch
capacitances. The resultant pedestal errors appear as a common-
mode signal to the AD845. VR2, R13, R14, and C34 may be in-
cluded if further reduction of pedestal error is required.
In hold mode, Q2 and Q4 are closed (Q1 and Q3 are open) to
reduce feedthrough. The input signal is attenuated –78 dB
relative to the input signal at frequencies up to 500 kHz. The
AD845 buffers the voltage on C28 and also provides the wide-
band, low-impedance output necessary to drive the input of the
AD671.
Droop, which occurs as a result of leakage currents, will appear
on C28 and will similarly appear on C29. Like pedestal errors,
droop appears as a common-mode signal to the AD845 and is
greatly reduced by the differential nature of the circuit. Voltage
droop is typically 5
µV/µs.
CROSS COUPLED LATCH
As noted in the Theory of Operation, the ENCODE pulse is
specified to operate within a window of time. The circuit in Fig-
ure 14 can be used to generate a valid ENCODE pulse if a clock
pulse width of greater than 30 ns is available.
AD671
ENCODE
DAV
1/4
7402
1/4
7402
1/4
7402
t w
Figure 14. Cross Coupled Latch
TIMING DESCRIPTION
Figure 15 shows the timing requirements for the discrete SHA.
The complementary S/H inputs are HCMOS-compatible al-
though larger gate voltages will improve performance by lower-
ing the on resistances of the DMOS switches. It should be noted
that a conversion is started before the SHA has settled to 0.01%
accuracy. The discrete SHA takes advantage of the fact that the
AD671 does not require a 12-bit accurate input until it is 150 ns
into its conversion cycle. See Figures 21, 22 and 23 for PCB
layout recommendations.
DAV
S/H
t
SAMPLE = 1µs
t CONVERSION = 500ns
t
ACQUIRE
≈ 350ns
t
SETTLE
350ns
ENCODE
Figure 15. AD671 to Discrete SHA Timing Diagram
DYNAMIC PERFORMANCE
In most sampling applications the dynamic performance of the
system is limited by the performance of the SHA. The SHA’s
dynamic performance can be selected to meet the system sam-
pling requirements. Figures 16 and 17 are typical FFT plots
using the discrete SHA in Figure 13.
Figure 16. Typical FFT Plot of AD671 and Discrete SHA
FIN = 100 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com