Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7002 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7002
Description  LC2MOS GSM Baseband I/O Port
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7002 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7002 Datasheet HTML 3Page - Analog Devices AD7002 Datasheet HTML 4Page - Analog Devices AD7002 Datasheet HTML 5Page - Analog Devices AD7002 Datasheet HTML 6Page - Analog Devices AD7002 Datasheet HTML 7Page - Analog Devices AD7002 Datasheet HTML 8Page - Analog Devices AD7002 Datasheet HTML 9Page - Analog Devices AD7002 Datasheet HTML 10Page - Analog Devices AD7002 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD7002
–7–
REV. B
RECEIVE SECTION TIMING1
Limit at
Parameter
TA = –40 C to +85 C
Units
Description
t23
0
ns min
Rx SLEEP Hold Time After CLK1, CLK2 High
t24
25
ns min
Rx SLEEP Setup Time Before CLK1, CLK2 High
t25
0
ns min
Rx SYNC to Rx SLEEP Asserted
2
39 t1
ns max
RATE 0
15 t1
ns max
RATE 1
t26
Rx CLK Active After CLK1 Rising Edge Following Falling
Edge of Rx SLEEP
32 t1 + t2
ns
MODE 0
31 t1 + t2
ns
MODE 1
t27
Rx CLK Cycle Time
3
t1
ns
MODE 0
2 t1
ns
MODE 1
t28
Rx CLK High Pulse Width
25
ns min
MODE 0
90
ns min
MODE 1
t29
Rx CLK Low Pulse Width
25
ns min
MODE 0
30
ns min
MODE 1
t30
10
ns min
Propagation Delay from CLK1, CLK2 High to Rx CLK High
30
ns max
t31
20
ns min
Rx SYNC Valid Prior to Rx CLK Falling
t32
Rx SYNC High Pulse Width
t1
ns
MODE 0
2 t1
ns
MODE 1
t33
Rx SYNC Cycle Time
3
24 t1
ns
MODE 0 RATE 0
12 t1
ns
MODE 0 RATE 1
48 t1
ns
MODE 1 RATE 0
24 t1
ns
MODE 1 RATE 1
t34
Rx DATA Valid After Rx CLK Rising Edge
5
ns max
MODE 0
t1 + 5
ns max
MODE 1
t35
5
ns max
MODE 0 only, Propagation Delay from Rx CLK Rising
Edge to I/
Q
t36
10
ns typ
Digital Output Rise Time
4
t37
10
ns typ
Digital Output Fall Time
4
CALIBRATION AND CONTROL TIMING
Limit at
Parameter
TA = –40 C to +85 C
Units
Description
t38
25
ns min
SLEEP to CAL Setup Time
t39
608 t1
ns min
CAL Pulse Width
t40
25
ns min
RATE, MODE or THREE-STATE ENABLE Setup Time
NOTES
1Sample tested at +25
°C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
2t
25 specifies a window, after Rx SYNC which marks the beginning of I data, that Rx SLEEP should be asserted for the subsequent IQ data pair to be last prior to
entering SLEEP mode.
3See Figure 2 for test circuit.
4Digital output rise and fall times specify the time required for the output to go between 10% and 90% of 5 V.
Specifications subject to change without notice.
(AVDD = +5 V
10%; DVDD = +5 V
10%; AGND = DGND = 0 V, fCLK1 = fCLK2 = 13 MHz;
TA = TMIN to TMAX, unless otherwise noted)
(AVDD = +5 V
10%; DVDD = +5 V
10%; AGND = DGND = 0 V, fAUX CLK = 13 MHz;
TA = TMIN to TMAX, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com