Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7002 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7002
Description  LC2MOS GSM Baseband I/O Port
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7002 Datasheet(HTML) 3 Page - Analog Devices

  AD7002 Datasheet HTML 1Page - Analog Devices AD7002 Datasheet HTML 2Page - Analog Devices AD7002 Datasheet HTML 3Page - Analog Devices AD7002 Datasheet HTML 4Page - Analog Devices AD7002 Datasheet HTML 5Page - Analog Devices AD7002 Datasheet HTML 6Page - Analog Devices AD7002 Datasheet HTML 7Page - Analog Devices AD7002 Datasheet HTML 8Page - Analog Devices AD7002 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
–3–
REV. B
AD7002
Parameter
AD7002A
Units
Test
Conditions/Comments
AUXILIARY DAC SPECIFICATIONS
AUX1
AUX2
AUX3
Resolution
9
10
8
Bits
DC Accuracy
Integral
±2
±2
±1
LSB max
Differential
±1
±1
±1
LSB max
Guaranteed Monotonic
Offset Error
±2
±4
±1
LSB max
Gain Error
±4
±4
±2
LSB max
LSB Size
4.88
2.44
9.77
mV typ
Output Signal Span
0 to VREF 0 to VREF 0 to VREF Volts
Unloaded Output
Output Impedance
10
10
10
k
Ω max
AUX DACs Have Unbuffered
Resistive Outputs
88
8
k
Ω typ
Coding
Binary
Binary
Binary
Power-Down
Yes
Yes
Yes
Power-Down Is Implemented by
Loading All 1s or All 0s
REFERENCE SPECIFICATIONS
REFOUT, Reference Output
2.4/2.6
V min/V max
RL = 100 k
Ω, C
L = 1 nF
REFOUT, Reference Output @ +25
°C
2.5
V typ
RL = 100 k
Ω, C
L = 1 nF
Reference Temperature Coefficient
100
ppm/
°C typ
Reference Variation
4
±10
mV max
Output Impedance
60
Ω typ
LOGIC INPUTS
VINH, Input High Voltage
VDD – 0 9
V min
VINL, Input Low Voltage
0.9
V max
IINH, Input Current
10
µA max
CIN, Input Capacitance
10
pF max
LOGIC OUTPUTS
VOH, Output High Voltage
4.0
V min
|IOUT|
≤ 200 µA
VOL, Output Low Voltage
0.4
V max
|IOUT|
≤ 1.6 mA
POWER SUPPLIES
AVDD
4.5/5.5
V min/V max
DVDD
4.5/5.5
V min/V max
IDD
All Sections Active
30
mA max
ADC and Auxiliary Paths Active
5
18
mA max
Tx SLEEP = VDD
15
mA typ
Transmit DAC and AUX Paths Active
6
14
mA max
Rx SLEEP1 = Rx SLEEP2 = VDD
11
mA typ
Auxiliary Path only Active
5, 6, 7
2
mA max
Tx SLEEP = Rx SLEEP1 =
Rx SLEEP2 = VDD
NOTES
1Operating temperature range: A Version: –40
°C to +85°C.
2Unmeasurable: sigma-delta conversion is inherently free of differential nonlinearities.
3See terminology.
4Change in reference voltage due to a change in Tx SLEEP or Rx SLEEP modes.
5Measured while the digital inputs to the transmit interface are static.
6Measured while the digital inputs to the receive interface are static.
7Measured while the digital inputs to the auxiliary interface are static.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com