Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7002 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7002
Description  LC2MOS GSM Baseband I/O Port
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7002 Datasheet(HTML) 2 Page - Analog Devices

  AD7002 Datasheet HTML 1Page - Analog Devices AD7002 Datasheet HTML 2Page - Analog Devices AD7002 Datasheet HTML 3Page - Analog Devices AD7002 Datasheet HTML 4Page - Analog Devices AD7002 Datasheet HTML 5Page - Analog Devices AD7002 Datasheet HTML 6Page - Analog Devices AD7002 Datasheet HTML 7Page - Analog Devices AD7002 Datasheet HTML 8Page - Analog Devices AD7002 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
–2–
REV. B
AD7002–SPECIFICATIONS1
Parameter
AD7002A
Units
Test Conditions/Comments
ADC SPECIFICATIONS
Resolution
12
Bits
Rx SLEEP = 0 V, Tx SLEEP = VDD
Signal Input Span
±V
REF/2
Volts
Biased on VREF (2.5 V)
Sampling Rate
13
MSPS
Output Word Rate
270.8
kHz
RATE 0
541.7
kHz
RATE 1
Accuracy
Integral
±1
LSB typ
Differential
2
0
Bias Offset Error
±6.5
LSB max
After External Calibration; MZERO Low
±8
LSB typ
After Internal Calibration; MZERO High
Input Resistance (DC)
300
k
Ω typ
Input Capacitance
10
pF typ
Dynamic Specifications
Input Frequency = 67.7 kHz
Dynamic Range
64
dB typ
Signal to (Noise+Distortion)
62
dB min
Gain Error
±0.5
dB max
Input Frequency = 67.7 kHz, w.r.t. 2.5 V
Gain Match Between Channels
±0.15
dB max
Input Frequency = 67.7 kHz
Filter Settling Time
47
µs typ
Frequency Response
0 kHz–100 kHz
±0.05
dB max
110 kHz
–0.8
dB max
122 kHz
–3.0
dB max
200 kHz
–66
dB max
400 kHz–6.5 MHz
–72
dB max
Absolute Group Delay
23
µs typ
Group Delay Between Channels (0 kHz–120 kHz)
5
ns typ
Coding
Twos Complement
Power-Down Option
Yes
Rx SLEEP = VDD, Independent of Transmit
TRANSMIT DAC SPECIFICATIONS
Resolution
10
Bits
Rx SLEEP = VDD, Tx SLEEP = 0 V
Number of Channels
2
Update Rate
4.33
MSPS
16
Oversampling of the Bit Rate
DC Accuracy
Integral
±0.7
LSB typ
Differential
±1.0
LSB typ
Output Signal Span
±V
REF/2
Volts
Centered on VREF Nominal (100 kΩ/20 pF
Load)
Output Signal Full-Scale Accuracy
±1
dB max
w.r.t. 2.5 V
Offset Error
±25
mV max
10 0000 0000 Loaded to DAC
I Tx & Q Tx Gain Matching
±0.15
dB max
Absolute Group Delay
10
µs typ
Measured at 67.7 kHz
Group Delay Linearity (0 kHz–120 kHz)
30
ns typ
Each Channel, 10 kHz < FOUT < 100 kHz
Phase Matching Between Channels
0.5
° typ
Generating 67.7 kHz Sine Waves
GMSK Spectrum Mask
3
100 kHz
–3
dB min
200 kHz
–32
dB min
250 kHz
–35
dB min
400 kHz
–63
dB min
0.6 MHz
–71
dB min
4.3 MHz
–63
dB min
6.5 MHz
–63
dB min
GMSK Phase Trajectory Error
3
2
° rms max
6
° peak max
Maximum Phase Effect Instance
3
9
µs typ
Output Impedance
I Tx
120
Ω typ
Q Tx
120
Ω typ
GMSK ROM
Yes
Contains GMSK Coding, Four-Bit Impulse
Response
Power-Down Option
Yes
Tx SLEEP = VDD, Independent of Receive
(AVDD = +5 V
10%; DVDD = +5 V
10%; AGND = DGND = 0 V, fCLK1 = fCLK2 = 13 MHz;
TA = TMIN to TMAX, Rx SLEEP1 = Rx SLEEP2 = Tx SLEEP = DVDD, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com