Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7002 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7002
Description  LC2MOS GSM Baseband I/O Port
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7002 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7002 Datasheet HTML 8Page - Analog Devices AD7002 Datasheet HTML 9Page - Analog Devices AD7002 Datasheet HTML 10Page - Analog Devices AD7002 Datasheet HTML 11Page - Analog Devices AD7002 Datasheet HTML 12Page - Analog Devices AD7002 Datasheet HTML 13Page - Analog Devices AD7002 Datasheet HTML 14Page - Analog Devices AD7002 Datasheet HTML 15Page - Analog Devices AD7002 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD7002
–12–
REV. B
The offset registers have enough resolution to hold the value of
any dc offset between
±5 V. However, the performance of the
sigma-delta modulators will degrade if full scale signals with
more than 100 mV of offset are experienced. If large offsets are
present, these can be calibrated out, but signal excursions from
the offsets should be limited to keep the I Rx and Q Rx voltages
within
±1.35 V of V
REF.
Receive Section Digital Interface
A flexible serial interface is provided for the AD7002 receive
section. Four basic operating modes are available. Table II
shows the truth table for the different serial modes available.
The MODE pin determines whether the I and Q serial data is
made available on two separate pins (MODE 1) or combined
onto a single output pin (MODE 0). The RATE pin determines
whether I and Q receive data is provided at 541.7 kHz (RATE 1)
or at 270.8 kHz (RATE 0).
When the receive section is put into sleep mode, by bringing
Rx SLEEP1 and Rx SLEEP2 high, the receive interface will
complete the current IQ cycle before entering into a low power
sleep mode.
MODE 0 RATE I Interface
The timing diagram for the MODE 0 RATE 1 receive interface
is shown in Figure 16. It can be used to interface to DSP pro-
cessors requiring only one serial port.
When using MODE 0, the serial data is made available on the
Rx DATA pin, with the I/
Q pin indicating whether the 12-bit
word being clocked out is an I sample or a Q sample. Although
the I data is clocked out before the Q data, internally both
samples are processed together. RATE 1 selects an output word
rate of 541.7 kHz, which is equal to the master clock (CLK1,
CLK2) divided by 24.
When the receive section is brought out of sleep mode, by bring-
ing Rx SLEEP1 and Rx SLEEP2 low, (after 32 master clock
cycles) the Rx CLK output will continuously shift out I and Q
data, always beginning with I data. Rx SYNC provides a fram-
ing signal used to indicate the beginning of an I or Q, 12-bit
data word that is valid on the next falling edge of Rx CLK. On
coming out of sleep, Rx SYNC goes high one clock cycle before
the beginning of I data, and subsequently goes high in the same
clock cycle as the last bit of each 12-bit word (both I and Q). Rx
DATA is valid on the falling edge of Rx CLK and is clocked out
MSB first, with the I/
Q pin indicating whether Rx DATA is I
data or Q data.
MODE 0 RATE 0 Interface
Figure 17 shows the receive timing diagram when MODE 0,
RATE 0 is selected. Again I and Q data are shifted out on the
Rx DATA pin, but here the output word rate is reduced to
270.8 kHz, this being equal to master clock (CLK1, CLK2)
divided by 48.
Once the receive section is brought out of sleep mode, (after 56
master clock cycles) the Rx CLK output becomes active and
generates an Rx SYNC framing pulse on the first Rx CLK.
This is followed by 12 continuous clock cycles during which the
I data is shifted out on the Rx DATA pin. Following this the
Rx CLK remains high for 11 master clock cycles before clocking
out the Q data in exactly the same manner.
Rx DATA is valid on the falling edge of Rx CLK with the I/
Q
pin indicating whether Rx DATA is I data or Q data.
MODE 1 RATE I Interface
Figure 18 shows the timing for MODE 1 RATE 1 receive digital
interface. MODE 1 RATE 1 gives an output word rate of
541.7 kHz, but I and Q data are transferred on separate pins.
I data is shifted out on Rx DATA (IDATA) pin and Q data is
shifted out on the I/
Q (QDATA) pin. RATE 1 selects an output
word rate of 541.7 kHz (this is equal to the master clock divided
by 24).
When the receive section is brought out of sleep mode, by bring-
ing Rx SLEEP1 and Rx SLEEP2 low (after 32 master clock
cycles), the Rx CLK output will continuously shift out I and Q
data, on separate pins. Rx SYNC provides a framing signal used
to indicate the beginning of an I or Q, 12-bit data word that
is valid on the next falling edge of Rx CLK. On coming out
of sleep, Rx SYNC goes high one clock cycle before the begin-
ning of I data, and subsequently goes high in the same clock
cycle as the I and Q LSBs. It takes 24 Rx CLKs (excluding the
first framing pulse) to complete a single IQ cycle. IDATA and
QDATA are valid on the falling edge of Rx CLK and are
clocked out MSB first.
MODE I RATE 0 Interface
Figure 19 shows the receive timing diagram when MODE 1
RATE 0 is selected. MODE 1 RATE 0, again I and Q data are
transferred on separate pins. I data is shifted out on Rx DATA
(IDATA) pin and Q data is shifted out on the I/
Q (QDATA)
pin. The output word rate is reduced to 270.8 kHz, this equal to
master clock (CLK1, CLK2) divided by 48.
Once the receive section is brought out of sleep mode, and after
56 master clock cycles, the Rx CLK output becomes active and
generates an Rx SYNC framing pulse on the first Rx CLK. This
is followed by 12 continuous clock cycles during which both the
I and Q data is shifted out on IDATA and QDATA pins. Fol-
lowing this the Rx CLK remains high for 22 master clock cycles
before clocking out the next IQ data pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com