Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7002 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7002
Description  LC2MOS GSM Baseband I/O Port
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7002 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7002 Datasheet HTML 7Page - Analog Devices AD7002 Datasheet HTML 8Page - Analog Devices AD7002 Datasheet HTML 9Page - Analog Devices AD7002 Datasheet HTML 10Page - Analog Devices AD7002 Datasheet HTML 11Page - Analog Devices AD7002 Datasheet HTML 12Page - Analog Devices AD7002 Datasheet HTML 13Page - Analog Devices AD7002 Datasheet HTML 14Page - Analog Devices AD7002 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD7002
–11–
REV. B
from the analog modulator, will the output data be correct. The
analog modulator, on coming out of sleep, will generate mean-
ingful data after 21 master clock cycles.
01...111
01...110
00...001
00...000
11...111
11...110
10...001
10...000
–V
FULLSCALE
+V
FULLSCALE
V
REF
V
IN, INPUT VOLTAGE
Figure 13. ADC Transfer Function for I and Q Receive
Channels
Calibration
Included in the digital filter is a means by which receive signal
offsets may be calibrated out. Calibration can be effected
through the use of the CAL and MZERO pins.
Each channel of the digital low-pass filter section has an offset
register. The offset register can be made to contain a value
representing the dc offset of the preceding analog circuitry. In
normal operation, the value stored in the offset register is sub-
tracted from the filter output data before the data appears on
the serial output pin. By so doing, the dc offset is cancelled.
In each channel the offset register is cleared (twos complement
zero) when CAL is high and becomes loaded with the first digi-
tal filter result after CAL falls. This result will be a measure of
the channel dc offset if the analog channel is switched to zero
prior to CAL falling. Time must be provided for the analog
circuitry and the digital filter to settle after the analog circuitry is
switched to zero and before CAL falls. The offset register will
then be loaded with the proper representation of the dc offset.
CAL must be high for more than 608 master clock cycles
(CLK1, CLK2). If the analog channels are switched to zero
coincident with CAL rising, this time is also sufficient to satisfy
the settling time of the analog sigma-delta modulators and the
digital filters. CAL may be held high for an unlimited time if
convenient or necessary. Only the digital result following the fall
of CAL will be loaded into each offset register. After CAL falls,
normal operation resumes immediately.
10.00
–140.00
1000
–100.00
–120.00
100
0
–80.00
–50.00
–30.00
–10.00
900
800
700
600
500
400
300
200
0.00
–110.00
–130.00
–70.00
–90.00
–60.00
–40.00
–20.00
FREQUENCY – kHz
Figure 14. Digital Filter Frequency Response
The offset registers are static and retain their contents even
during sleep mode (Rx SLEEP1 and Rx SLEEP2 high). They
need only be updated if drifts in the analog dc offsets are experi-
enced or expected. However, on initial application of power to
the digital supply pins the offset registers may contain grossly
incorrect values and, therefore, calibration must be activated at
least once after power is applied even if the facility of calibration
is not regularly used.
Table II. Truth Table for the MODE and RATE Pins
MODE
RATE
Data Format
Output Word Rate
0
0
IQ Data
I/
Q
270.8 kHz
0
1
IQ Data
I/
Q
541.7 kHz
1
0
I Data
Q Data
270.8 kHz
1
1
I Data
Q Data
541.7 kHz
The MZERO pin can be used to zero the sigma-delta modula-
tors if calibration of preceding analog circuitry is not required.
Each analog modulator has an internal analog multiplexer con-
trolled by MZERO. With MZERO low, the modulator inputs
are connected to the I Rx and Q Rx pins for normal operation.
With MZERO high, both modulator inputs are connected to the
VREF pin, which is analog ground for the modulators. If calibra-
tion of external analog circuitry is desired, MZERO should be
kept low during the calibration cycle.
Rx SLEEP1
Rx SLEEP2
CAL
RATE, MODE,
THREE- STATE
CONTROL
t
39
t
38
40
t
Figure 15. Calibration and Control Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com