Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9539APW Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA9539APW
Description  Low-voltage 16-bit I2C-bus I/O port with interrupt and reset
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9539APW Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA9539APW Datasheet HTML 12Page - NXP Semiconductors PCA9539APW Datasheet HTML 13Page - NXP Semiconductors PCA9539APW Datasheet HTML 14Page - NXP Semiconductors PCA9539APW Datasheet HTML 15Page - NXP Semiconductors PCA9539APW Datasheet HTML 16Page - NXP Semiconductors PCA9539APW Datasheet HTML 17Page - NXP Semiconductors PCA9539APW Datasheet HTML 18Page - NXP Semiconductors PCA9539APW Datasheet HTML 19Page - NXP Semiconductors PCA9539APW Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
PCA9539A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 26 September 2012
16 of 39
NXP Semiconductors
PCA9539A
Low voltage 16-bit I2C-bus I/O port with interrupt and reset
[1]
Level that VDD can glitch down to with a ramp rate of 0.4 s/V, but not cause a functional disruption when tw(gl)VDD <1 s.
[2]
Glitch width that will not cause a functional disruption when
V
DD(gl) =0.5  VDD.
Glitches in the power supply can also affect the power-on reset performance of this
device. The glitch width (tw(gl)VDD) and glitch height (VDD(gl)) are dependent on each
other. The bypass capacitance, source impedance, and device impedance are factors that
affect power-on reset performance. Figure 17 and Table 13 provide more information on
how to measure these specifications.
VPOR is critical to the power-on reset. VPOR is the voltage level at which the reset condition
is released and all the registers and the I2C-bus/SMBus state machine are initialized to
their default states. The value of VPOR differs based on the VDD being lowered to or from
0V. Figure 18 and Table 13 provide more details on this specification.
Table 13.
Recommended supply sequencing and ramp rates
Tamb =25 C (unless otherwise noted). Not tested; specified by design.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
(dV/dt)f
fall rate of change of voltage
Figure 15
0.1
-
2000
ms
(dV/dt)r
rise rate of change of voltage
Figure 15
0.1
-
2000
ms
td(rst)
reset delay time
Figure 15; re-ramp time when
VDD drops below 0.2 V or to VSS
1-
-
s
Figure 16; re-ramp time when
VDD drops to VPOR(min)  50 mV
1-
-
s
V
DD(gl)
glitch supply voltage difference
Figure 17
[1] --
1
V
tw(gl)VDD
supply voltage glitch pulse width
Figure 17
[2] --
10
s
VPOR(trip)
power-on reset trip voltage
falling VDD
0.7
-
-
V
rising VDD
--
1.4
V
Fig 17. Glitch width and glitch height
Fig 18. Power-on reset voltage (VPOR)
002aah331
VDD
time
tw(gl)VDD
∆VDD(gl)
002aah332
POR
time
VDD
time
VPOR (rising VDD)
VPOR (falling VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com