Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9539APW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9539APW
Description  Low-voltage 16-bit I2C-bus I/O port with interrupt and reset
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9539APW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9539APW Datasheet HTML 3Page - NXP Semiconductors PCA9539APW Datasheet HTML 4Page - NXP Semiconductors PCA9539APW Datasheet HTML 5Page - NXP Semiconductors PCA9539APW Datasheet HTML 6Page - NXP Semiconductors PCA9539APW Datasheet HTML 7Page - NXP Semiconductors PCA9539APW Datasheet HTML 8Page - NXP Semiconductors PCA9539APW Datasheet HTML 9Page - NXP Semiconductors PCA9539APW Datasheet HTML 10Page - NXP Semiconductors PCA9539APW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
PCA9539A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 26 September 2012
7 of 39
NXP Semiconductors
PCA9539A
Low voltage 16-bit I2C-bus I/O port with interrupt and reset
6.2.3 Output port register pair (02h, 03h)
The Output port registers (registers 2 and 3) show the outgoing logic levels of the pins
defined as outputs by the Configuration register. Bit values in these registers have no
effect on pins defined as inputs. In turn, reads from these registers reflect the value that
was written to these registers, not the actual pin value. A register pair write is described in
Section 7.1 and a register pair read is described in Section 7.2.
6.2.4 Polarity inversion register pair (04h, 05h)
The Polarity inversion registers (registers 4 and 5) allow polarity inversion of pins defined
as inputs by the Configuration register. If a bit in these registers is set (written with ‘1’), the
corresponding port pin’s polarity is inverted in the Input register. If a bit in this register is
cleared (written with a ‘0’), the corresponding port pin’s polarity is retained. A register pair
write is described in Section 7.1 and a register pair read is described in Section 7.2.
6.2.5 Configuration register pair (06h, 07h)
The Configuration registers (registers 6 and 7) configure the direction of the I/O pins. If a
bit in these registers is set to 1, the corresponding port pin is enabled as a
high-impedance input. If a bit in these registers is cleared to 0, the corresponding port pin
is enabled as an output. A register pair write is described in Section 7.1 and a register pair
read is described in Section 7.2.
Table 7.
Output port 0 register (address 02h)
Bit
7
6
5
4
3
2
1
0
Symbol
O0.7
O0.6
O0.5
O0.4
O0.3
O0.2
O0.1
O0.0
Default
11
11
11
11
Table 8.
Output port 1 register (address 03h)
Bit
7
6
5
4
3
2
1
0
Symbol
O1.7
O1.6
O1.5
O1.4
O1.3
O1.2
O1.1
O1.0
Default
11
11
11
11
Table 9.
Polarity inversion port 0 register (address 04h)
Bit
7
6
5
4
3
2
1
0
Symbol
N0.7
N0.6
N0.5
N0.4
N0.3
N0.2
N0.1
N0.0
Default
00
00
00
00
Table 10.
Polarity inversion port 1 register (address 05h)
Bit
7
6
5
4
3
2
1
0
Symbol
N1.7
N1.6
N1.5
N1.4
N1.3
N1.2
N1.1
N1.0
Default
00
00
00
00
Table 11.
Configuration port 0 register (address 06h)
Bit
7
6
5
4
3
2
1
0
Symbol
C0.7
C0.6
C0.5
C0.4
C0.3
C0.2
C0.1
C0.0
Default
11
11
11
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com