Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9539APW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9539APW
Description  Low-voltage 16-bit I2C-bus I/O port with interrupt and reset
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9539APW Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9539APW Datasheet HTML 1Page - NXP Semiconductors PCA9539APW Datasheet HTML 2Page - NXP Semiconductors PCA9539APW Datasheet HTML 3Page - NXP Semiconductors PCA9539APW Datasheet HTML 4Page - NXP Semiconductors PCA9539APW Datasheet HTML 5Page - NXP Semiconductors PCA9539APW Datasheet HTML 6Page - NXP Semiconductors PCA9539APW Datasheet HTML 7Page - NXP Semiconductors PCA9539APW Datasheet HTML 8Page - NXP Semiconductors PCA9539APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1.
General description
The PCA9539A is a low-voltage 16-bit General Purpose Input/Output (GPIO) expander
with interrupt and reset for I2C-bus/SMBus applications. NXP I/O expanders provide a
simple solution when additional I/Os are needed while keeping interconnections to a
minimum, for example, in ACPI power switches, sensors, push buttons, LEDs, fan control,
etc.
In addition to providing a flexible set of GPIOs, the wide VDD range of 1.65 V to 5.5 V
allows the PCA9539A to interface with next-generation microprocessors and
microcontrollers where supply levels are dropping down to conserve power.
The PCA9539A contains the PCA9539 register set of four pairs of 8-bit Configuration,
Input, Output, and Polarity Inversion registers.
The PCA9539A is a pin-to-pin replacement to the PCA9539, and other industry-standard
part numbers. A more fully featured part, PCAL9539A is also available with Agile I/O
features. See the respective data sheet for more details.
The PCA9539A open-drain interrupt (INT) output is activated when any input state differs
from its corresponding Input Port register state and is used to indicate to the system
master that an input state has changed.
INT can be connected to the interrupt input of a microcontroller. By sending an interrupt
signal on this line, the remote I/O can inform the microcontroller if there is incoming data
on its ports without having to communicate via the I2C-bus. Thus, the PCA9539A can
remain a simple slave device.
The device outputs have 25 mA sink capabilities for directly driving LEDs while consuming
low device current.
The power-on reset sets the registers to their default values and initializes the device state
machine. In the PCA9539A, the RESET pin causes the same reset/default I/O input
configuration to occur without de-powering the device, holding the registers and I2C-bus
state machine in their default state until the RESET input is once again HIGH. This input
requires a pull-up to VDD.
Two hardware pins (A0, A1) select the fixed I2C-bus address and allow up to four devices
to share the same I2C-bus/SMBus.
PCA9539A
Low-voltage 16-bit I2C-bus I/O port with interrupt and reset
Rev. 1 — 26 September 2012
Product data sheet


Similar Part No. - PCA9539APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9539A NXP-PCA9539A Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9539APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9555 NXP-PCA9555 Datasheet
583Kb / 34P
16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9539 NXP-PCA9539 Datasheet
191Kb / 31P
16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 July 2008
logo
Texas Instruments
TCA1116 TI1-TCA1116 Datasheet
674Kb / 12P
LOW VOLTAGE 16-BIT I2C I/O EXPANDER WITH INTERRUPT AND RESET
logo
NXP Semiconductors
PCA9535A NXP-PCA9535A Datasheet
2Mb / 38P
Low-voltage 16-bit I2C-bus I/O port with interrupt
Rev. 1-11 September 2012
PCA9538A NXP-PCA9538A Datasheet
2Mb / 37P
Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
Rev. 1-28 September 2012
PCAL9535A NXP-PCAL9535A Datasheet
2Mb / 46P
Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
Rev. 1-28 September 2012
PCAL9539A NXP-PCAL9539A Datasheet
2Mb / 48P
Low-voltage 16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 1-3 October 2012
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9555D-T NXP-PCA9555D-T Datasheet
583Kb / 34P
16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
16-bit I2C-bus and SMBus I/O port with interrupt
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com