Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9539APW Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9539APW
Description  Low-voltage 16-bit I2C-bus I/O port with interrupt and reset
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9539APW Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9539APW Datasheet HTML 4Page - NXP Semiconductors PCA9539APW Datasheet HTML 5Page - NXP Semiconductors PCA9539APW Datasheet HTML 6Page - NXP Semiconductors PCA9539APW Datasheet HTML 7Page - NXP Semiconductors PCA9539APW Datasheet HTML 8Page - NXP Semiconductors PCA9539APW Datasheet HTML 9Page - NXP Semiconductors PCA9539APW Datasheet HTML 10Page - NXP Semiconductors PCA9539APW Datasheet HTML 11Page - NXP Semiconductors PCA9539APW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
PCA9539A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 26 September 2012
8 of 39
NXP Semiconductors
PCA9539A
Low voltage 16-bit I2C-bus I/O port with interrupt and reset
6.3 I/O port
When an I/O is configured as an input, FETs Q1 and Q2 are off, which creates a
high-impedance input. The input voltage may be raised above VDD to a maximum of 5.5 V.
If the I/O is configured as an output, Q1 or Q2 is enabled, depending on the state of the
Output port register. In this case, there are low-impedance paths between the I/O pin and
either VDD or VSS. The external voltage applied to this I/O pin should not exceed the
recommended levels for proper operation.
6.4 Power-on reset
When power (from 0 V) is applied to VDD, an internal power-on reset holds the PCA9539A
in a reset condition until VDD has reached VPOR. At that time, the reset condition is
released and the PCA9539A registers and I2C-bus/SMBus state machine initializes to
their default states. After that, VDD must be lowered to below VPORF and back up to the
operating voltage for a power-reset cycle. See Section 8.2 “Power-on reset requirements”.
Table 12.
Configuration port 1 register (address 07h)
Bit
7
6
5
4
3
2
1
0
Symbol
C1.7
C1.6
C1.5
C1.4
C1.3
C1.2
C1.1
C1.0
Default
11
11
11
11
At power-on reset, all registers return to default values.
Fig 6.
Simplified schematic of the I/Os (P0_0 to P0_7, P1_0 to P1_7)
VDD
P0_0 to P0_7
P1_0 to P1_7
output port
register data
configuration
register
DQ
CK
Q
data from
shift register
write
configuration
pulse
output port
register
DQ
CK
write pulse
polarity
inversion
register
DQ
CK
data from
shift register
write polarity
pulse
input port
register
DQ
CK
read pulse
input port
register data
polarity
inversion
register data
002aah246
FF
data from
shift register
FF
FF
FF
Q1
Q2
VSS
to INT
ESD
protection
diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com