Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9539APW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9539APW
Description  Low-voltage 16-bit I2C-bus I/O port with interrupt and reset
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9539APW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9539APW Datasheet HTML 2Page - NXP Semiconductors PCA9539APW Datasheet HTML 3Page - NXP Semiconductors PCA9539APW Datasheet HTML 4Page - NXP Semiconductors PCA9539APW Datasheet HTML 5Page - NXP Semiconductors PCA9539APW Datasheet HTML 6Page - NXP Semiconductors PCA9539APW Datasheet HTML 7Page - NXP Semiconductors PCA9539APW Datasheet HTML 8Page - NXP Semiconductors PCA9539APW Datasheet HTML 9Page - NXP Semiconductors PCA9539APW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
PCA9539A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 26 September 2012
6 of 39
NXP Semiconductors
PCA9539A
Low voltage 16-bit I2C-bus I/O port with interrupt and reset
6.2 Registers
6.2.1 Pointer register and command byte
Following the successful acknowledgement of the address byte, the bus master sends a
command byte, which is stored in the Pointer register in the PCA9539A. The lower
four bits of this data byte state the operation (read or write) and the internal registers
(Input, Output, Polarity Inversion, or Configuration) that will be affected. This register is
write only.
[1]
Undefined.
6.2.2 Input port register pair (00h, 01h)
The Input port registers (registers 0 and 1) reflect the incoming logic levels of the pins,
regardless of whether the pin is defined as an input or an output by the Configuration
register. The Input port registers are read only; writes to these registers have no effect.
The default value ‘X’ is determined by the externally applied logic level. An Input port
register read operation is performed as described in Section 7.2 “Reading the port
registers”.
Fig 5.
Pointer register bits
002aaf540
B7
B6
B5
B4
B3
B2
B1
B0
Table 4.
Command byte
Pointer register bits
Command byte
(hexadecimal)
Register
Protocol
Power-up
default
B7
B6
B5
B4
B3
B2
B1
B0
0
0
0
0
0
0
0
0
00h
Input port 0
read byte
xxxx xxxx[1]
0
0
0
0
0
0
0
1
01h
Input port 1
read byte
xxxx xxxx
0
0
0
0
0
0
1
0
02h
Output port 0
read/write byte
1111 1111
0
0
0
0
0
0
1
1
03h
Output port 1
read/write byte
1111 1111
0
0
0
0
0
1
0
0
04h
Polarity Inversion port 0
read/write byte
0000 0000
0
0
0
0
0
1
0
1
05h
Polarity Inversion port 1
read/write byte
0000 0000
0
0
0
0
0
1
1
0
06h
Configuration port 0
read/write byte
1111 1111
0
0
0
0
0
1
1
1
07h
Configuration port 1
read/write byte
1111 1111
Table 5.
Input port 0 register (address 00h)
Bit
7
6
5
4
3
2
1
0
Symbol
I0.7
I0.6
I0.5
I0.4
I0.3
I0.2
I0.1
I0.0
Default
XX
XX
XX
XX
Table 6.
Input port 1 register (address 01h)
Bit
7
6
5
4
3
2
1
0
Symbol
I1.7
I1.6
I1.5
I1.4
I1.3
I1.2
I1.1
I1.0
Default
XX
XX
XX
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com