Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI.232FHSS-250-R Datasheet(PDF) 16 Page - Radiometrix Ltd

Part # WI.232FHSS-250-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

WI.232FHSS-250-R Datasheet(HTML) 16 Page - Radiometrix Ltd

Back Button WI.232FHSS-250-R Datasheet HTML 12Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 13Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 14Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 15Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 16Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 17Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 18Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 19Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 20Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
15
Revision 1.1.0
2.4.1. GUID/MAC Mode
GUID/MAC mode supports point-to-point and broadcast communications. In this mode, endpoint addressing
is accomplished through the regNVDESTGUID[3-0] and regDESTGUID[3-0] registers. The module’s source
GUID (regMYGUID[3-0]) is fixed and programmed at the factory. MAC addressing mode is selected by
writing either 0x04 (MAC) or 0x14 (MAC w/ acknowledgement) to the regNETWORKMODE register. A
destination GUID of 0xFFFFFFFF causes the module to send broadcast messages; all modules within range
will receive and process these messages. A module will only process a MAC message if the message’s
destination address is 0xFFFFFFFF or it exactly matches its regMYGUID[3-0] address. Acknowledgement is
enabled by setting bit 4 of regNETWORKMODE. The GUID/MAC network mode includes 14 bytes of
overhead per RF packet. The following table lists some examples of how MAC addressing works.
Sender
Receiver
NetworkMode
MyGUID
DestinationGUID
MyGUID
Response
0x04
0x00001000
0xFFFFFFFF
0x00002000
Data sent to UART. No RF
ACK sent by either module.
0x00003000
0x14
0x00001000
0xFFFFFFFF
0x00002000
Data sent to UART. No ACK
sent by either module. This
configuration will cause
transmission problems.
0x00003000
0x14
0x00001000
0x00003000
0x00002000
Not processed- discarded.
0x00003000
Data sent to UART. RF ACK
sent to 0x00001000.
0x04
0x00001000
0x00002000
0x00002000
Data sent to UART. No RF
ACK sent.
0x00003000
Not processed- discarded.
Table 2, MAC Addressing Examples
2.4.2. User Addressing Mode
When User network mode is selected, transmitted packets locate endpoints using the customer ID and
destination User ID (specified in regCUSTID[1-0] and regUSERDESTID[1-0], respectively). An RF packet
sent with User Network mode enabled carries 16 bytes of overhead. On the receiving side, each module has
a User ID mask (regUSERIDMASK[1..0]) that it applies to both its own User ID (regUSERSRCID[1-0]) and
the incoming destination User ID. Once both are masked, if the results are equal, the receiving module will
pass the payload data to the application for presentation to the host. Additionally, if the incoming address,
once masked, equals the mask itself, its payload will be presented to the host. If an acknowledgement is
requested, the receiving module will respond only if the unmasked User IDs are equal. When using user
network mode to send packets to multiple users (mask not equal to 0xFFFF), assured delivery must be
disabled. Failure to do so could cause extreme delays in transmission and loss of data. The following table
shows some examples of user addressing at work.
Sender
Receiver
Network
Mode
User
SRCID
User
DESTID
User SRCID
User
IDMASK
Response
0x06
0x1000
0xFFFF
0x2000
0xFFFF
Data sent to UART. No RF ACK
sent by either module.
0x3000
0xFFFF
0x16
0x1000
0xFFFF
0x2000
0xFFFF
Data sent to UART in both
modules. No ACK sent by either
module. This configuration will
cause transmission problems.
0x3000
0xFFFF
0x16
0x1000
0x3000
0x2000
0xE000
Data sent to UART. No RF ACK
sent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com