Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI.232FHSS-250-R Datasheet(PDF) 31 Page - Radiometrix Ltd

Part # WI.232FHSS-250-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

WI.232FHSS-250-R Datasheet(HTML) 31 Page - Radiometrix Ltd

Back Button WI.232FHSS-250-R Datasheet HTML 27Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 28Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 29Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 30Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 31Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 32Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 33Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 34Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 35Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
30
Revision 1.1.0
Diagram courtesy of Silicon Laboratories Inc.
Figure 12: Wi.232FHSS Power-on and VDD Monitor Reset Time and Pin State
Parameter
Min
Typ
Max
Units
Notes
C2CK/RST Output Low Voltage
0.6
V
VDD = 2.7 – 3.6V
C2CK/RST Input Pull-up Current
25
40
μA
C2CK/RST = 0.0V
VDD Monitor Threshold (VRST)
2.40
2.55
2.70
V
Minimum C2CK/RST Low Time to
Generate a Hardware Reset
15
μs
Power-on Reset Delay (TPORDelay)
< 300
μs
VDD Ramp Time is Valid
Allowed/Valid VDD Ramp Time
1
ms
Table 10, Wi.232FHSS Reset Circuit Specifications
3.6.6. Receive Signal Strength Indication (RSSI)
The RSSI pin contains an analog voltage proportional to the signal strength present on the channel at the
time. In normal operation, the module is hopping rapidly from channel to channel looking for valid data. In
this case, the RSSI value does not provide much in the way of useful information. However, it can be used to
keep a module awake. For instance, if you are preparing to put the module to sleep, you may sample the
RSSI pin to determine if it is processing a packet.
The Wi.232FHSS-250-R module has an internal, digital RSSI indication of ambient/immediate and of the last
good packet received. Additionally, with v1.1.0 and newer, the PROC_PKT pin can be used to indicate the
state of the packet engine.
RSSI level is dependent on the power of the signal received at the antenna port and the mode the LNA is in.
regLNAMODE controls the mode of the internal LNA, and has different values/meanings for the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com