Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI.232FHSS-250-R Datasheet(PDF) 22 Page - Radiometrix Ltd

Part # WI.232FHSS-250-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

WI.232FHSS-250-R Datasheet(HTML) 22 Page - Radiometrix Ltd

Back Button WI.232FHSS-250-R Datasheet HTML 18Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 19Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 20Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 21Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 22Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 23Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 24Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 25Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 26Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
21
Revision 1.1.0
3.1.4. Wi.232FHSS-250-R Pin Descriptions
No.
Description
1
No connect – reserved
2
UART Transmit output
3
Processing Packet signal
4
No connect – reserved
5
No connect – reserved
6
ISP pin / Wake from deep sleep/Module Reset
7
Reserved – ISP pin
8
No connect – reserved
9
Command Response indication – low when UART output is a command response
10
Exception Output, maskable. Cleared on exception read.
11
Ground
12
Ground
13
Ground
14
RSSI
15
Command Mode select – active low
16
Buffer Empty – high when input buffer is empty
17
N/C
18
UART Request To Send input – not currently implemented (reserved)
19
UART Clear To Send output – active low
20
UART Receive input
21
Ground
22
Antenna Port – 50 ohms
23
Ground
24
VCC
25
VCC
26
VCC
Table 8, WI.232FHSS-250-R Pin Descriptions
Legend
Signals that are used in this implementation
Signals used for in-system programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com