Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI.232FHSS-250-R Datasheet(PDF) 52 Page - Radiometrix Ltd

Part # WI.232FHSS-250-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

WI.232FHSS-250-R Datasheet(HTML) 52 Page - Radiometrix Ltd

Back Button WI.232FHSS-250-R Datasheet HTML 48Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 49Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 50Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 51Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 52Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 53Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 54Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 55Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 56Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
51
Revision 1.1.0
4.1.40. Exception (regEXCEPTION)
regEXCEPTION (0x79)
R
R
R
R
R
R
R
R
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
3
2
1
0
The module has a built-in exception engine that can notify the host processor of an unexpected event.
When an exception occurs, the exception code is stored in this register. Reading from this register clears
the exception and, if applicable, returns the EX pin to low. If an exception occurs before the previous
exception code is read, the previous value is overwritten. The following table lists the exception codes and
their values.
Exception
Code
Exception Name
Description
0x08
EX_BUFOVFL
Internal UART buffers overflowed
0x09
EX_RFOVL
Internal RF packet buffer overflowed
0x13
EX_WRITEREGFAILED
Attempted write to register failed
0x20
EX_NOACK
Acknowledgment packet not received after maximum number of retries
0x40
EX_BADCRC
Bad CRC detected on incoming packet
0x42
EX_BADHEADER
Bad CRC detected in packet header
0x43
EX_BADSEQID
Sequence ID was incorrect in ACK packet
0x44
EX_BADFRAMETYPE
Unsupported Frame type specified
Table 22, Exception Codes
4.1.41. Last Good Packet RSSI (regLGPRSSI)
regLGPRSSI (0x7B)
R
R
R
R
R
R
R
R
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
3
2
1
0
This register holds the receive strength indication, in dBm, of the last successful packet reception. A
successful packet reception is one that causes payload data to be delivered to the UART interface. Each
time a new packet is successfully processed, the value in this register is overwritten. The register value is
an 8-bit signed integer representing the RSSI in dBm. It is accurate to +/-3dB and has +/-2dB linearity. The
values returned take into account the LNA gain.
4.1.42. Immediate RSSI (regIMMEDRSSI)
regIMMEDRSSI (0x7C)
R
R
R
R
R
R
R
R
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
3
2
1
0
This register returns the current receive signal strength indication, in dBm. When the register is accessed,
the RF interface is queried at that time. The register value is an 8-bit signed integer representing the RSSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com