Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI.232FHSS-250-R Datasheet(PDF) 59 Page - Radiometrix Ltd

Part # WI.232FHSS-250-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

WI.232FHSS-250-R Datasheet(HTML) 59 Page - Radiometrix Ltd

Back Button WI.232FHSS-250-R Datasheet HTML 55Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 56Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 57Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 58Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 59Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 60Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 61Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 62Page - Radiometrix Ltd WI.232FHSS-250-R Datasheet HTML 63Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
58
Revision 1.1.0
WARNING: Be sure that the module is properly powered and remains powered for the duration of the
register write. Loss of important configuration information could occur if the unit loses power during a non-
volatile write cycle.
Byte 0
Byte 1
Byte 2
Byte 3
Header
Size
Register
Value
7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0
0xFF
0x02
0
Register
0
Value
Table 27, Write Register Command, value to be written is less than 128 (0x80)
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
Header
Size
Register
Escape
Value
7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 7 654321 0 7 65432 1 0 7 6 5 4321 0
0xFF
0x03
0
Register
0xFE
0
Lower 7 bits of
Value
Table 28, Write Register Command, value to be written is greater than or equal to 128 (0x80)
The module will respond to this command with an ACK (0x06). If an ACK is not received, the command
should be resent. If a write is attempted to a read-only or invalid register, the module will respond with a
NACK (0x15).
5.5. Reading from Registers
A register read command is constructed by placing an escape character before the register number. The
following table shows the byte sequence for reading a register.
Byte 0
Byte 1
Byte 2
Byte 3
Header
Size
Escape
Register
7 6 5 4 3 2 1 0 7 6 5 43 210 7 65 4 32107 6 5 4 32 1 0
0xFF
0x02
0xFE
0
Register
Table 29, Read Register Command
The module will respond to this command by sending an ACK (0x06) followed by the register number and
register value. The register value is sent unmodified. For example, if the register value is 0x83, 0x83 is
returned after the ACK (0x06). See table below for the format of the response. If the register number is
invalid, it will respond with a NACK (0x15).
Byte 0
Byte 1
Byte 2
ACK
Register
Value
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
0x06
0
Register
Value
Table 30, Read Register Module Response for a Valid Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com