Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Wi.232FHSS-250-FCC-R Datasheet(PDF) 14 Page - Radiometrix Ltd

Part # Wi.232FHSS-250-FCC-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

Wi.232FHSS-250-FCC-R Datasheet(HTML) 14 Page - Radiometrix Ltd

Back Button Wi.232FHSS-250-FCC-R Datasheet HTML 10Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 11Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 12Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 13Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 14Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 15Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 16Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 17Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 18Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
13
Revision 1.1.0
to the UART for transmission to the host microprocessor. If not, it will resume scanning for another master.
If the packet received is a synchronizing packet, synchronization will be dropped if the packet address
validation fails.
Once the UART has buffered enough data to send (either regUARTMTU bytes received or regTXTO has
expired), it will schedule a transmission with the RF layer. The RF layer will make a best-effort attempt to
keep the data in at least regUARTMTU-sized packets, but will split data to better fill the communications
channel if the hop time allows. If the module is not synchronized at the time of the transmission, it votes
itself to master status, and sends a synchronizing preamble. Following a hop, the module that sends the
first transmission will vote itself to master status, send a synchronizing preamble, and communications will
resume.
2.3. Low-Power States
The module supports three power saving modes: Standby, Sleep, and Deep Sleep. Standby and Sleep
are included primarily for legacy compatibility with Wi.232DTS™ and Wi.232EUR™ products. The
hardware required to support these two low-power modes fully is not present in the Wi.232FHSS modules.
As a result, the current consumption in these two modes is considerably higher than their
Wi.232DTS™/Wi.232EUR™ counterparts. It is recommended that applications utilize the Deep Sleep
mode for power savings.
In the SLEEP and DEEP SLEEP modes, the transceiver is powered down and will not synchronize with
other modules. SLEEP mode draws more current than DEEP SLEEP mode. In DEEP SLEEP mode the
module draws the least current. To wake the module up from this mode the C2CK/RST pin must be held
low for at least 20
μs and then returned to high. Modules do not monitor the receive channel in either
SLEEP or DEEP SLEEP mode. Therefore, it is impossible to remotely wake a sleeping module via the RF
interface.
If regACKONWAKE is enabled, the module will transmit a 0x06 character out the TxD pin of the UART
once awakened from a low-power mode or power-off state. This indicates that the module is ready to
resume operations.
The following table indicates the states of the module pins while in a low-power state.
Pin Name
250-R
Pin
Number
250-R
Pin
Number
25-R
Pin State
PROC_PKT
1
N/A
Driven Low
TxD
2
6
Input with weak pull-up
NC
3
N/A
Input with weak pull-up
NC
4
N/A
Floating
NC
5
N/A
Floating
C2CK/RST
6
11
Input with weak pull-up
C2D
7
10
Input with weak pull-up
NC
8
N/A
Floating
CMD_RSP
9
8
Input with weak pull-up
EX
10
2
Driven Low
RSSI
14
9
Driven Low
CMD
15
4
Input with weak pull-up
BE
16
3
Input with weak pull-up
NC
17
N/A
Floating
RTS
18
N/A
Input with weak pull-up
CTS
19
7
In Standby, Sleep: Driven Low, In Deep Sleep: Driven High
RxD
20
5
Input with weak pull-up
Table 1, Wi.232FHSS Low-Power Pin States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com