Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Wi.232FHSS-250-FCC-R Datasheet(PDF) 43 Page - Radiometrix Ltd

Part # Wi.232FHSS-250-FCC-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

Wi.232FHSS-250-FCC-R Datasheet(HTML) 43 Page - Radiometrix Ltd

Back Button Wi.232FHSS-250-FCC-R Datasheet HTML 39Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 40Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 41Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 42Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 43Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 44Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 45Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 46Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 47Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
42
Revision 1.1.0
Default User Destination ID[1]: 0xFF
When user-extended addressing is selected, this is byte 1 of the 32-bit user-extended destination address;
when user addressing is selected, it is the most significant byte of the user destination address. When
extended-user addressing is selected, this register is used in conjunction with User Destination ID[3-2] and
User Destination ID[0] registers to direct a transmitted packet to the proper endpoint(s). When user
addressing is selected, this register is used in conjunction with the User Destination ID[0] register to direct
a transmitted packet to the proper endpoint(s). For more information on the operation of addressing
modes, please refer to the Addressing Modes section of this document.
4.1.17. User Destination ID[0] (regUSERDESTID[0])
regNVUSERDESTID[0] (0x12)
regUSERDESTID[0] (0x5D)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
3
2
1
0
Default User Destination ID[0]: 0xFF
When user-extended addressing is selected, this is the least significant byte of the 32-bit extended-user
destination address; when user addressing is selected, it is the least significant byte of the user destination
address. When user-extended addressing is selected, this register is used in conjunction with User
Destination Address[3-1] registers to direct a transmitted packet to the proper endpoint(s). When user
addressing is selected, this register is used in conjunction with the User Destination Address[1] register to
direct a transmitted packet to the proper endpoint(s). For more information on the operation of addressing
modes, please refer to the Addressing Modes section of this document.
4.1.18. User Source ID[3] (regUSERSRCID[3])
regNVUSERSRCID[3] (0x13)
regUSERSRCID[3] (0x5E)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
3
2
1
0
Default User Source ID[3]: 0xFF
When user-extended addressing is selected, this register holds the most significant byte (byte 3) of the 32-
bit user-extended source address. When Extended User addressing is invoked, this register is used in
conjunction with User Source Address[2-0] registers to make up the module’s 32-bit user-extended source
address. For more information on the operation of addressing modes, please refer to the Addressing
Modes section of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com