Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Wi.232FHSS-250-FCC-R Datasheet(PDF) 61 Page - Radiometrix Ltd

Part # Wi.232FHSS-250-FCC-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

Wi.232FHSS-250-FCC-R Datasheet(HTML) 61 Page - Radiometrix Ltd

Back Button Wi.232FHSS-250-FCC-R Datasheet HTML 57Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 58Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 59Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 60Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 61Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 62Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 63Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 64Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 65Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
60
Revision 1.1.0
6.2. Detailed Electrical Specifications for WI.232FHSS-25-R
6.2.1. AC Specifications- Rx for WI.232FHSS-25-R
Parameter
Min
Typ
Max
Units
Notes
Receive Frequency- US
902.2
927.8
MHz
At antenna pin
Hop Sequences
6
26 channels each
Channel Spacing
750
kHz
Receiver Sensitivity
-100
dBm
152.34 kbit/ sec RF, 10
-3 BER
Receiver Sensitivity
-102
dBm
38.4 kbit/ sec RF, 10
-3 BER
Receiver Sensitivity
-105
dBm
9.6 kbit/ sec RF, 10
-3 BER
Input IP3
-40
dBm
Flo +1 MHz & Flo +1.945 MHz
Input Impedance
50
Ohms
No matching required
LO Leakage
-65
dBm
50 Ohm termination at ANT
Adjacent Channel Rejection
-48
dBc
Fc +/- 650 kHz
IF Bandwidth
600
kHz
Table 32, AC Specifications- Rx for WI.232FHSS-25-R
6.2.2. AC Specifications- Tx for WI.232FHSS-25-R
Parameter
Min
Typ
Max
Units
Notes
Transmit Frequency- US
902.2
927.8
MHz
Center Frequency Error
2
4
ppm
915 MHz @ 25
oC
Frequency Deviation
160
kHz
Max. Output Power
13
15
dBm
915 MHz into 50 Ohm load
Output Impedance
50
Ohms
Carrier Phase Noise
TBD
dBc
Into 50 Ohm load
Harmonic Output
-50
dBc
Into 50 Ohm load
Table 33, AC Specifications- Tx for WI.232FHSS-25-R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com