Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Wi.232FHSS-250-FCC-R Datasheet(PDF) 45 Page - Radiometrix Ltd

Part # Wi.232FHSS-250-FCC-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

Wi.232FHSS-250-FCC-R Datasheet(HTML) 45 Page - Radiometrix Ltd

Back Button Wi.232FHSS-250-FCC-R Datasheet HTML 41Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 42Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 43Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 44Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 45Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 46Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 47Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 48Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 49Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
44
Revision 1.1.0
4.1.22. User ID Mask[3] (regUSERIDMASK[3])
regNVUSERIDMASK[3] (0x17)
regUSERIDMASK[3] (0x62)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
3
2
1
0
Default User ID Mask[3]: 0xFF
This register holds the most significant byte of the 32-bit extended-user address mask. When Extended
User addressing is invoked, this register is used in conjunction with User ID Mask[2-0] registers to make up
the module’s 32-bit extended-user address mask. For more information on the operation of addressing
modes, please refer to the Addressing Modes section of this document.
4.1.23. User ID Mask[2] (regUSERIDMASK[2])
regNVUSERIDMASK[2] (0x18)
regUSERIDMASK[2] (0x63)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
3
2
1
0
Default User ID Mask[2]: 0xFF
This register holds byte 2 of the 32-bit extended-user address mask. When Extended User addressing is
invoked, this register is used in conjunction with User ID Mask[3] and User ID Mask[1-0] registers to make
up the module’s 32-bit extended-user address mask. For more information on the operation of addressing
modes, please refer to the Addressing Modes section of this document.
4.1.24. User ID Mask[1] (regUSERIDMASK[1])
regNVUSERIDMASK[1] (0x19)
regUSERIDMASK[1] (0x64)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
3
2
1
0
Default User ID Mask[1]: 0xFF
When extended-user addressing is invoked, this register holds byte 1 of the 32-bit extended-user address
mask and is used in conjunction with User ID Mask[3-2] and User ID Mask[0] to form the complete address
mask; when user addressing is invoked, this register holds the most significant byte of the 16-bit user
address mask and is used in conjunction with the User ID Mask[0] register to form the complete address
mask. For more information on the operation of addressing modes, please refer to the Addressing Modes
section of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com